Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 108 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 108 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 104Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 105Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 106Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 107Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 108Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 109Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 110Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 111Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 108 of 141
Table 71. Bit Descriptions for REG0194 (Continued)
Bits
Bit Name
Description
Reset
Access
0
BB_I_GAIN_SEL
BB I Amplifier Gain Select. Use high gain for 50Ω differential impedance and low gain for 100Ω differential
impedance implementations.
0x1
R/W
0: Low Gain.
1: High Gain.
REGISTER 0X200 TO REGISTER 0X2B0
Address: 0x200, Reset: 0x01, Name: REG0200
Figure 222.
Table 72. Bit Descriptions for REG0200
Bits
Bit Name
Description
Reset
Access
[7:0]
FILTER_SM_STEP
Filter State Machine Step Size. This twos complement value determines how much the filter state machine is
incremented or decremented. A step size of zero is invalid.
0x1
R/W
Address: 0x202, Reset: 0x01, Name: REG0202
Figure 223.
Table 73. Bit Descriptions for REG0202
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
FILTER_LUT_EN
Filter LUT Enable. When disabled, filter settings defined using Register 0x800 to Register 0x80C. When enabled,
filter settings are dependent upon the LUT, that is set using Register 0x900 to Register 0xC3F.
0x1
R/W
0: Disable.
1: Enable.
Address: 0x203, Reset: 0x00, Name: REG0203
Figure 224.
Table 74. Bit Descriptions for REG0203
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
FILTER_LUT_MODE
Filter LUT Mode.
0x0
R/W
00: LUT pointer selected by using the ADD_F balls.
01: LUT pointer selected by using Register 0x209 (FILTER_SPI_POINTER).
10: LUT pointer is incremented or decremented on rising edge of ADD_F4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com