Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 104 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 100Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 101Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 102Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 103Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 104Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 105Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 106Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 107Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 104 of 141
Figure 207.
Table 57. Bit Descriptions for REG0173
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
DSA1_OVERLOAD_THRESHOLD
DSA1 Overload Protection Threshold.
0xF
R/W
Address: 0x178, Reset: 0x07, Name: REG0178
Figure 208.
Table 58. Bit Descriptions for REG0178
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
DETECTOR_RES_CTRL
RF Power Detector Resistor Control. Power detection dynamic range control. The RF input power sensing is
inversely proportional to this value.
0x7
R/W
Address: 0x17D, Reset: 0x01, Name: REG017D
Figure 209.
Table 59. Bit Descriptions for REG017D
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
MIXER_GATE_SELECT
Mixer Gate Select.
0x1
R/W
0: I/Q Baseband Mode.
1: IF Mode.
Address: 0x184, Reset: 0x01, Name: REG0184
Figure 210.
Table 60. Bit Descriptions for REG0184
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
IF_BB_SWITCH_CTRL
IF/Baseband Switch Control.
0x1
R/W
0: I/Q Baseband Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com