Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 103 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 99Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 100Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 101Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 102Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 103Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 104Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 105Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 106Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 103 of 141
Table 53. Bit Descriptions for REG0108 (Continued)
Bits
Bit Name
Description
Reset
Access
10: Monitor RF Input LNA. When the RF input LNA experiences excessive RF input power, the
RX_LNA_OVERLOAD bit is asserted high, and many of the RF portions of the chip are powered
down until the excessive RF input power is removed.
11: Monitor RF Input LNA and Latch. When the RF input LNA experiences excessive
RF input power, the RX_LNA_OVERLOAD_LATCHED bit is asserted high, and many of
the RF portions of the chip are powered down. When the excessive RF input power is
removed, the RF portions of the chip continue to be powered down. To power up the RF
portions of the chip, the RX_LNA_OVERLOAD_LATCHED bit must be cleared, which can be
accomplished by setting OVERLOAD_PROTECTION_MODE to any other value. Ensure to
set OVERLOAD_PROTECTION_MODE back to the desired mode after performing the clear
operation.
Address: 0x15C, Reset: 0x05, Name: REG015C
Figure 204.
Table 54. Bit Descriptions for REG015C
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
BB_I_VOCM
Baseband I Output Common-Mode Voltage.
0x5
R/W
Address: 0x165, Reset: 0x05, Name: REG0165
Figure 205.
Table 55. Bit Descriptions for REG0165
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
BB_Q_VOCM
Baseband Q Output Common-Mode Voltage.
0x5
R/W
Address: 0x172, Reset: 0x0F, Name: REG0172
Figure 206.
Table 56. Bit Descriptions for REG0172
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LNA_OVERLOAD_THRESHOLD
LNA Overload Protection Threshold.
0xF
R/W
Address: 0x173, Reset: 0x0F, Name: REG0173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com