Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 102 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 102 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 98Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 99Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 100Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 101Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 102Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 103Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 104Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 105Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 102 of 141
Figure 202.
Table 52. Bit Descriptions for REG0107
Bits
Bit Name
Description
Reset
Access
7
TEMP_SENSOR_PD
Temperature Sensor Power Down
0x0
R/W
0: Normal Operation.
1: Powered Down.
6
RESERVED
Reserved.
0x0
R/W
5
ADC_PD
ADC Power Down.
0x0
R/W
0: Normal Operation.
1: Powered Down.
4
RESERVED
Reserved.
0x0
R/W
3
BB_Q_AMP_PD
Baseband Q Signal Power-Down Control.
0x1
R/W
0: Normal Operation.
1: Powered Down.
2
BB_Q_AMP_BIAS_PD
Baseband Q Signal Bias Power-Down Control.
0x1
R/W
0: Normal Operation.
1: Powered Down.
1
BB_I_AMP_PD
Baseband I Signal Power-Down Control.
0x1
R/W
0: Normal Operation.
1: Powered Down.
0
BB_I_AMP_BIAS_PD
Baseband I Signal Bias Power-Down Control.
0x1
R/W
0: Normal Operation.
1: Powered Down.
Address: 0x108, Reset: 0x00, Name: REG0108
Figure 203.
Table 53. Bit Descriptions for REG0108
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
OVERLOAD_PROTECTION_MODE
Overload Protection Mode.
0x0
R/W
00: Disable automatic overload protection. The two overload signals, RX_DSA1_OVERLOAD
and RX_LNA_OVERLOAD, can be read through SPI. External appropriate action must be
taken, such as powering down the chip by using the CHIP_EN pin.
01: Monitor DSA1. When DSA1 experiences excessive RF input power, the
RX_DSA1_OVERLOAD bit is asserted high, and many of the RF portions of the chip are
powered down until the excessive RF input power is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com