Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 100Page - ATMEL Corporation AT697F Datasheet HTML 101Page - ATMEL Corporation AT697F Datasheet HTML 102Page - ATMEL Corporation AT697F Datasheet HTML 103Page - ATMEL Corporation AT697F Datasheet HTML 104Page - ATMEL Corporation AT697F Datasheet HTML 105Page - ATMEL Corporation AT697F Datasheet HTML 106Page - ATMEL Corporation AT697F Datasheet HTML 107Page - ATMEL Corporation AT697F Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 155 page
background image
104
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Interrupt can be forced by setting a bit in the interrupt force register. IU acknowledgement will
clear the force bit.
Table 79. Interrupt Clear Register - ITC
Address = 0x8000009C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
iclear[14:0]
r/w
r
r/w
xxxx xxxx xxxx xxxx
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
x
Bit Number
Mnemonic
Description
15..1
iclear[14:0]
Interrupt clear
If written with a ‘1’, will clear the corresponding bit(s) in the interrupt pending register.
Aread return zero.
Table 80. Secondary Interrupt Mask Register - SITM
Address = 0x800000B0
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
simask[31:0]
r/w
0000 0000 0000 0000 0000 0000 0000 0000
Bit Number
Mnemonic
Description
32..0
simask[31:0]
Second interrupt mask
indicates whether an interrupt is masked (simask[n] = ‘0’) or enabled (simask[n] = ’1’)
After reset, the interrupt mask register is set to all zeros while the remaining control registers are undefined.
.
Table 81. Secondary Interrupt Pending Register - SITP
Address = 0x800000B4
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
sipend[31:0]
r/w
xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx
Bit Number
Mnemonic
Description
32..0
sipend[31:0]
Second interrupt pending
indicates whether a iterrupt is pending (sipend[n] = ‘1’)
.
Table 82. Secondary Interrupt Status Register - SITS
Address = 0x800000B8
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
ip
irl[4:0]
r/w
r/w
r/w
xxxx xxxx xxxx xxxx xxxx xxxx xx
x
x xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com