Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 102Page - ATMEL Corporation AT697F Datasheet HTML 103Page - ATMEL Corporation AT697F Datasheet HTML 104Page - ATMEL Corporation AT697F Datasheet HTML 105Page - ATMEL Corporation AT697F Datasheet HTML 106Page - ATMEL Corporation AT697F Datasheet HTML 107Page - ATMEL Corporation AT697F Datasheet HTML 108Page - ATMEL Corporation AT697F Datasheet HTML 109Page - ATMEL Corporation AT697F Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 155 page
background image
106
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
General Purpose
Interface Registers
Table 84. I/O Port Data Register - IODAT
Address = 0x800000A0
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
meddat[7:0]
lowdat[7:0]
iodata[15:0]
r/w
r/w
xxxx xxxx
xxxx xxxx
xxxx xxxx xxxx xxxx
Bit Number
Mnemonic
Description
15..0
iodata[15:0]
I/O port data
23..16
meddat[7:0]
Meddium Data
Corresponding to the data D[15:8]
31..24
lowdat[7:0]
Low Data
Corresponding to the data D[7:0]
when read, returns the current value of the I/O port;
when written, value is driven on the I/O port signals (if enabled as Output )
Table 85. I/O Port Direction Register - IODIR
Address = 0x800000A4
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
iodir[15:0]
r/w
r/w r/w
r/w
xxxx xxxx xxxx xx
00 0000 0000 0000 0000
Bit Number
Mnemonic
Description
17
meddir
Defines the direction of D[15..8]
16
lowdir
Defines the direction of D[7..0]
15..0
iodir[15:0]
I/O port direction
Defines the direction of I/O ports 15 - 0.
‘1’ = output
‘0’ = input
Table 86. I/O Port Interrupt Register - IOIT1
Address = 0x800000A8
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
isel3[4:0]
isel2[4:0]
isel1[4:0]
isel0[4:0]
r/w r/w r/w
r/w
r/w r/w r/w
r/w
r/w r/w r/w
r/w
r/w r/w r/w
r/w
0
x
x
x xxxx
0
x
x
x xxxx
0
x
x
x xxxx
0
x
x
x xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com