Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 106Page - ATMEL Corporation AT697F Datasheet HTML 107Page - ATMEL Corporation AT697F Datasheet HTML 108Page - ATMEL Corporation AT697F Datasheet HTML 109Page - ATMEL Corporation AT697F Datasheet HTML 110Page - ATMEL Corporation AT697F Datasheet HTML 111Page - ATMEL Corporation AT697F Datasheet HTML 112Page - ATMEL Corporation AT697F Datasheet HTML 113Page - ATMEL Corporation AT697F Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 155 page
background image
110
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
24
stat8
Master received/asserted PERR
This bit is only implemented by bus masters. It is set when three conditions are met:
1) the bus agent asserted PERR* itself (on a read) or observed PERR* asserted (on a write);
2) the agent setting the bit acted as the bus master for the operation in which the error occurred;
3) the Parity Error Response bit (Command register) is set.
23
stat7
Target supports fast back2back
This optional read-only bit indicates whether or not the target is capable of accepting fast back-to-back
transactions when the transactions are not to the same agent. This bit can be set to 1 if the device can accept
these transactions and must be set to 0 otherwise.
22
stat6
User definable features
21
stat5
66 MHz capabality
This optional read-only bit indicates whether or not this device is capable of running at 66 MHz as defined in
Chapter 7. A value of zero indicates 33 MHz. A value of 1 indicates that the device is 66 MHz capable
20
stat4
Power management capability.
This optional read-only bit indicates whether or not this device implements the pointer for a New Capabilities
linked list at offset 34h. A value of zero indicates that no New Capabilities linked list is available. A value of one
indicates that the value read at offset 34h is a pointer in Configuration Space to a linked list of new capabilities.
10
com10
Interrupt command.
This bit disables the device/function from asserting INTx*. A value of 0 enables the assertion of its INTx*
signal. A value of 1 disables the assertion of its INTx* signal. This bit’s state after RST* is 0.
9
com9
Master can generate fast back2back.
This optional read/write bit controls whether or not a master can do fast back-to-back transactions to different
devices. Initialization software will set the bit if all targets are fast back-to-back capable. A value of 1 means the
master is allowed to generate fast back-to-back transactions to different agents. A value of 0 means fast back-
to-back transactions are only allowed to the same agent. This bit's state after RST* is 0.
8
com8
Enable SERR driver
-This bit is an enable bit for the SERR* driver. A value of 0 disables the SERR* driver. A value of 1 enables
the SERR* driver. This bit's state after RST* is 0. All devices that have an SERR* pin must implement this bit.
Address parity errors are reported only if this bit and bit 6 are 1.
7
com7
Address/Data stepping on PCI bus
6
com6
Enable Parity Check
This bit controls the device's response to parity errors. When the bitis set, the device must take its normal
action when a parity error is detected. When the bit is 0, the device sets its Detected Parity Error status bit (bit
15 in the Status register) when an error is detected, but does not assert PERR* and continues normal
operation. This bit's state after RST* is 0. Devices that check parity must implement this bit. Devices are still
required to generate parity even if parity checking is disabled.
5
com5
VGA palette snooping
This bit controls how VGA compatible and graphics devices handle accesses to VGA palette registers. When
this bit is 1, palette snooping is enabled (i.e., the device does not respond to palette register writes and snoops
the data). When the bit is 0, the device should treat palette write accesses like all other accesses. VGA
compatible devices should implement this bit.
4
com4
Enable memory write and invalidate. This is an enable bit for using the Memory Write and Invalidate command.
When this bit is 1, masters may generate the command. When it is 0, Memory Write must be used instead.
State after RST* is 0. This bit must be implemented by master devices that can generate the Memory Write and
Invalidate command.
3
com3
Enable special cycles
Controls a device's action on Special Cycle operations. A value of 0 causes the device to ignore all Special
Cycle operations. A value of 1 allows the device to monitor Special Cycle operations. State after RST* is 0.
2
com2
Enable PCI master
Controls a device's ability to act as a master on the PCI bus. A value of 0 disables the device from generating
PCI accesses. A value of 1 allows the device to behave as a bus master. State after RST* is 0.
1
com1
Enable target memory command response
Controls a device's response to Memory Space accesses. A value of 0 disables the device response. A value of
1 allows the device to respond to Memory Space accesses. State after RST* is 0.
Bit Number
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com