Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 109Page - ATMEL Corporation AT697F Datasheet HTML 110Page - ATMEL Corporation AT697F Datasheet HTML 111Page - ATMEL Corporation AT697F Datasheet HTML 112Page - ATMEL Corporation AT697F Datasheet HTML 113Page - ATMEL Corporation AT697F Datasheet HTML 114Page - ATMEL Corporation AT697F Datasheet HTML 115Page - ATMEL Corporation AT697F Datasheet HTML 116Page - ATMEL Corporation AT697F Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 155 page
background image
Table 93. Memory Base Address Register 2 - MBAR2
Address = 0x80000114
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MEMBAR2[27:0]
r/w
r
r
r
0x000 0000
1
00
0
Bit Number
Mnemonic
Description
31..4
MEMBAR2[27:0] Memory base address.
3
pref2
Prefetchable
indicates there are no side effects on reads. The device returns all bytes on reads regardless of the byte
enables.
2..1
type2
“00” Base register is 32 bits wide and mapping can be done anywhere in the 32-bit Memory Space.
“10” Base register is 64 bits wide and can be mapped anywhere in the 64-bit address space.
“11” & “01” Reserved
0
msi2
“0” : Indicates that base address mapes Memory Space
Table 94. IO Base Address Register 3 - IOBAR3
Address = 0x80000118
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IOBAR[29:0]
r/w
r
r
0x0 000 0000
0
1
Bit Number
Mnemonic
Description
31..2
IOBAR[29:0]
Memory base address.
0
msi
“1” : Indicates that base address mapes I/O Space
AT697F ADVANCE INFORMATION
113
7703C–AERO–6/09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com