Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 109 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 105Page - ATMEL Corporation AT697F Datasheet HTML 106Page - ATMEL Corporation AT697F Datasheet HTML 107Page - ATMEL Corporation AT697F Datasheet HTML 108Page - ATMEL Corporation AT697F Datasheet HTML 109Page - ATMEL Corporation AT697F Datasheet HTML 110Page - ATMEL Corporation AT697F Datasheet HTML 111Page - ATMEL Corporation AT697F Datasheet HTML 112Page - ATMEL Corporation AT697F Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 155 page
background image
AT697F ADVANCE INFORMATION
109
7703C–AERO–6/09
PCI Registers
Table 88. PCI Device Identification Register 1 - PCIID1
Address = 0x80000100
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
device id [15:0]
vendor id [15:0]
r
r
0x1202
0x1438
Bit Number
Mnemonic
Description
31..16
device id [15:0]
This field identifies the particular device. This identifier is allocated by the vendor.
15..0
vendor id [15:0]
This field identifies the manufacturer of the device. Valid vendor identifiers are allocated by the PCI SIG to
ensure uniqueness. 0FFFFh is an invalid value for Vendor ID.
Table 89. PCI Status - Command Register - PCISC
Address = 0x80000104
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
rr
rr
rr
rr
rr
r
rr
r
r
r
r
r
r
r/w r/w r/w
r
r/w
r
r/w
r
r/w r/w r/w
0
0
0
0
0
01
0
1
0
0
0
0
0x0000 0000
0
0
0
0
0
0
0
0
0
0
0
Note:
1. rr = Read and Reset by writing 1
Bit Number
Mnemonic
Description
31
stat15
Parity error detected.
This bit must be set by the device whenever it detects a parity error, even if parity error handling is disabled (as
controlled by bit 6 in the Command register).
30
stat14
SERR asserted.
This bit must be set whenever the device asserts SERR*. Devices who will never assert SERR* do not need to
implement this bit.
29
stat13
Master has terminated master abort.
This bit must be set by a master device whenever its transaction except for Special Cycle) is terminated with
Master-Abort. All master devices must implement this bit.
28
stat12
Master has terminated target abort
This bit must be set by a master device whenever its transaction is terminated with Target-Abort. All master
devices must implement this bit.
27
stat11
Target signal target abort.
This bit must be set by a target device whenever it terminates a transaction with Target-Abort. Devices that will
never signal Target-Abort do not need to implement this bit.
26..25
stat10_9[1:0]
Devsel timing.
These bits encode the timing of DEVSEL*. Three allowable timings for assertion of DEVSEL* are specified.
These are encoded as 00 for fast, 01 for medium, and 10 for slow (11b is reserved). These bits are read-only
and must indicate the slowest time that a device asserts DEVSEL* for any bus command except Configuration
Read and Configuration Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com