Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 107Page - ATMEL Corporation AT697F Datasheet HTML 108Page - ATMEL Corporation AT697F Datasheet HTML 109Page - ATMEL Corporation AT697F Datasheet HTML 110Page - ATMEL Corporation AT697F Datasheet HTML 111Page - ATMEL Corporation AT697F Datasheet HTML 112Page - ATMEL Corporation AT697F Datasheet HTML 113Page - ATMEL Corporation AT697F Datasheet HTML 114Page - ATMEL Corporation AT697F Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 155 page
background image
AT697F ADVANCE INFORMATION
111
7703C–AERO–6/09
0
com1
Enable target IO command response
Controls a device's response to I/O Space accesses. A value of 0 disables the device response. A value of 1
allows the device to respond to I/O Space accesses. State after RST* is 0.
Table 90. PCI Device Identification 2 - PCIID2
Address = 0x80000108
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
class code [23:0]
revision id [7:0]
r
r
0x0B4000
0x10
Bit Number
Mnemonic
Description
31..8
class code [23:0]
The Class Code register is read-only and is used to identify the generic function of the device and, in some
cases, a specific register-level programming interface. The register is broken into three byte-size fields. The
upper byte (at offset 0Bh) is a base class code which broadly classifies the type of function the device performs.
The middle byte (at offset 0Ah) is a sub-class code which identifies more specifically the function of the device.
The lower byte (at offset 09h) identifies a specific register-level programming interface (if any) so that device
independent software can interact with the device.
7..0
revision id [7:0]
This register specifies a device specific revision identifier. The value is chosen by the vendor. Zero is an
acceptable value. This field should be viewed as a vendor defined extension to the Device ID.
Table 91. Bist, Header type, Latency, Cache line size Register - PCIBHLC
Address = 0x8000010C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
bist[7:0]
header type [7:0]
latency timer [7:0]
cache line size [7:0]
r/w
r/w
r/w
r/w
0x00
0x00
0x00
0x00
Bit Number
Mnemonic
Description
31..24
bist[7:0]
bist7 : Return 1 if device supports BIST. Return 0 if the device is not BIST capable.
bist6 : Write a 1 to invoke BIST. Device resets the bit when BIST is complete. Software should fail the device if
BIST is not complete after 2 seconds.
bist[3..0] : A value of 0 means the device has passed its test. Non-zero values mean the device failed. Device-
specific failure codes can be encoded in the non-zero value.
23..16
header type [7:0]
header 7 : multi-function device
“0” : device is single function
“1” : device is multi-function
header[6..0] : header second part layout
15..8
latency timer [7:0] this field specifies the value for latency timer in PCI bus clock unit
7..0
cache line size
[7:0]
Specifies the cache line size
Bit Number
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com