Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 104Page - ATMEL Corporation AT697F Datasheet HTML 105Page - ATMEL Corporation AT697F Datasheet HTML 106Page - ATMEL Corporation AT697F Datasheet HTML 107Page - ATMEL Corporation AT697F Datasheet HTML 108Page - ATMEL Corporation AT697F Datasheet HTML 109Page - ATMEL Corporation AT697F Datasheet HTML 110Page - ATMEL Corporation AT697F Datasheet HTML 111Page - ATMEL Corporation AT697F Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 155 page
background image
Bit Number
Mnemonic
Description
31
en7
Enable.
If set, the corresponding interrupt will be enabled, otherwise it will be masked.
30
le7
Level/edge triggered.
If set, the interrupt will be edge-triggered, otherwise level sensitive.
29
pl7
Polarity
If set, the corresponding interrupt will be active high (or edge-triggered on positive edge). Otherwise, it will be
active low (or edge-triggered on negative edge).
28..24
isel7[4:0]
I/O port select.
The value of this field defines which I/O port (0 - 31) should generate parallel I/O port interrupt 7.
23
en6
Enable.
If set, the corresponding interrupt will be enabled, otherwise it will be masked.
22
le6
Level/edge triggered.
If set, the interrupt will be edge-triggered, otherwise level sensitive.
21
pl6
Polarity
If set, the corresponding interrupt will be active high (or edge-triggered on positive edge). Otherwise, it will be
active low (or edge-triggered on negative edge).
20..16
isel6[4:0]
I/O port select.
The value of this field defines which I/O port (0 - 31) should generate parallel I/O port interrupt 6.
15
en5
Enable.
If set, the corresponding interrupt will be enabled, otherwise it will be masked.
14
le5
Level/edge triggered.
If set, the interrupt will be edge-triggered, otherwise level sensitive.
13
pl5
Polarity
If set, the corresponding interrupt will be active high (or edge-triggered on positive edge). Otherwise, it will be
active low (or edge-triggered on negative edge).
12..8
isel5[4:0]
I/O port select.
The value of this field defines which I/O port (0 - 31) should generate parallel I/O port interrupt 5.
7
en4
Enable.
If set, the corresponding interrupt will be enabled, otherwise it will be masked.
6
le4
Level/edge triggered.
If set, the interrupt will be edge-triggered, otherwise level sensitive.
5
pl4
Polarity
If set, the corresponding interrupt will be active high (or edge-triggered on positive edge). Otherwise, it will be
active low (or edge-triggered on negative edge).
4..0
isel4[4:0]
I/O port select.
The value of this field defines which I/O port (0 - 31) should generate parallel I/O port interrupt 4.
108
7703C–AERO–6/09
AT697F ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com