Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 110Page - ATMEL Corporation AT697F Datasheet HTML 111Page - ATMEL Corporation AT697F Datasheet HTML 112Page - ATMEL Corporation AT697F Datasheet HTML 113Page - ATMEL Corporation AT697F Datasheet HTML 114Page - ATMEL Corporation AT697F Datasheet HTML 115Page - ATMEL Corporation AT697F Datasheet HTML 116Page - ATMEL Corporation AT697F Datasheet HTML 117Page - ATMEL Corporation AT697F Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 155 page
background image
Table 95. Subsystem Identification Register - PCISID
Address = 0x8000012C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
subsystem id [15:0]
svi[15:0]
r
r
0x0001
0x1438
Bit Number
Mnemonic
Description
31..16
sid[15:0]
subsystem id
15..0
svi[15:0]
subsystem vendor id
Table 96. PCI Capabilities Pointer Register - PCICP
Address = 0x80000134
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
pointer[7:0]
r
r
0x0000 00
0xDC
Bit Number
Mnemonic
Description
7..0
pointer[7:0]
index for the extended capabilities registers
Table 97. PCI Latency Interrupt Register - PCILI
Address = 0x8000013C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
max_lat[7:0]
min_gnt[7:0]
int_pin[7:0]
int_line[7:0]
r/w
r/w
r
r/w
0
0
0
0
Bit Number
Mnemonic
Description
31..24
maxlat[7:0]
maxlat field specifies how often the processor need to gain access to the PCI bus. Units are 0.25 micosecond
23..16
mingnt[7:0]
min_gnt identifies the length of burst period, assuming a 33MHz clock. Units are 0.25 micosecond
15..8
intpin[7:0]
indicates which interrupt pin the processor uses - Always 0 due to absence of PCI interrupt management.
7..0
intlin[7:0]
Indicates the interrupt line register to which the core is connected to. - Always 0 due to absence of PCI interrupt
management.
114
7703C–AERO–6/09
AT697F ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com