Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 112Page - ATMEL Corporation AT697F Datasheet HTML 113Page - ATMEL Corporation AT697F Datasheet HTML 114Page - ATMEL Corporation AT697F Datasheet HTML 115Page - ATMEL Corporation AT697F Datasheet HTML 116Page - ATMEL Corporation AT697F Datasheet HTML 117Page - ATMEL Corporation AT697F Datasheet HTML 118Page - ATMEL Corporation AT697F Datasheet HTML 119Page - ATMEL Corporation AT697F Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 155 page
background image
Table 101. PCI Initiator Write Register - PCIIW
Address = 0x8000014C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
ben[3:0]
r/w
r/w
0x0000 000
0x0
Bit Number
Mnemonic
Description
3..0
ben[3:0]
Byte enables for writes to the PCI core configuration space
‘0’ = enabled
‘1’ = disabled
116
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Each of the 4 bits is assigned to one 8-bit lane.
•
bit ben[3] is applied to Byte 3, the most significant byte (MSB)
•
bit ben[2] is applied to Byte 2
•
bit ben[1] is applied to Byte 1
•
bit ben[0] is applied to Byte 0, the less significant byte (LSB)
Table 102. PCI DMA configuration Register - PCIDMA
address = 0x80000150
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
com[3:0]
wdcnt[7:0]
r/w
r/w
r/w
0x0000 0
0
0x0
0x00
Bit Number
Mnemonic
Description
12
b2b
Use back2back-mode.
Can be written to 1, if this transaction is to the same target, as the last one.
Note: works only, if the core is enabled for back2back mode.
11..8
com[3:0]
PCI command to be used in DMA mode.
7..0
wdcnt[7:0]
Word count.
Minimum number of words for the burst.
Table 103. PCI Initiator Status Register - PCIIS
address = 0x80000154
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
sys
dmas[3:0]
act
xff
xfe rfe
ss[3:0]
r/w
r
r
r
r
r
r
r
0x0000 0
x
0x0
0
0
1
1
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com