Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 146 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 146 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 142Page - ATMEL Corporation AT697F Datasheet HTML 143Page - ATMEL Corporation AT697F Datasheet HTML 144Page - ATMEL Corporation AT697F Datasheet HTML 145Page - ATMEL Corporation AT697F Datasheet HTML 146Page - ATMEL Corporation AT697F Datasheet HTML 147Page - ATMEL Corporation AT697F Datasheet HTML 148Page - ATMEL Corporation AT697F Datasheet HTML 149Page - ATMEL Corporation AT697F Datasheet HTML 150Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 155 page
background image
146
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Differences between AT697F and AT697E
This section summarizes the modifications, changes and improvements performed on the
AT697F with regards to the AT697E.
New/Modified Features
Table 128. Summary of the new/modified features
Feature
AT697F
AT697E
Write protection scheme
Start/End addresses and MASK
based
MASK based only
BRDY* capability over ROM area
Implemented
Not Implemented
Asynchronous BRDY* capability
Implemented
Not Implemented
16-bit wide memory bus support
Not Implemented
Implemented
32-bit timers and watchdog
Implemented
24-bit only
8 external interrupts support
Implemented
limited to 4
PCI SYSEN* state visible in a register
Implemented
Not Implemented
PCI configuration registers local read capability in satellite mode
Implemented
Not Implemented
PCI double word transaction as two single transactions support
Not Implemented
Implemented
AHB trace buffer freeze on debug mode entry
Implemented
Not Implemented
In addition to the new/modified features presented in the above table, most of the functional
bugs known from the AT697E model are corrected. Please refer to the AT697 errata sheet -
4409C-AERO-07/07 available at www.atmel.com for detailled information on the functional bugs
status.
Register modifications
Table 129. Summary of the register changes
Register
Address
AT697F Description
AT697E Description
MCFG1
0x80000000
bit 30 - PROM bus ready enable
bit 29 - Asynchronous bus read enable
bit 30 - reserved
bit 29 -reserved
WPSTA1
0x800000D0
Write Protection Start Address 1 register
bit 29:2 - Start address
bit 1 - Block protect mode enable
not available
WPSTO1
0x800000D4
Write Protection Stop Address 1 register
bit 29:2 - Stop address
bit 1 - User write protection enable
bit 0 - Supervisor write protection enable
not available
WPSTA2
0x800000D8
Write Protection Start Address 2 register
bit 29:2 - Start address
bit 1 - Block protect mode enable
not available
WPSTO2
0x800000DC
Write Protection Stop Address 2 register
bit 29:2 - Stop address
bit 1 - User write protection enable
bit 0 - Supervisor write protection enable
not available
TIMC1
0x80000040
bit 31:0 - timer counter
bit 24:0 - timer counter
TIMR1
0x80000044
bit 31:0 - reload counter
bit 24:0 - reload counter
TIMC2
0x80000050
bit 31:0 - timer counter
bit 24:0 - timer counter
TIMR2
0x80000054
bit 31:0 - reload counter
bit 24:0 - reload counter
WDG
0x8000004C
bit 31:0 - counter
bit 24:0 - counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com