Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 143Page - ATMEL Corporation AT697F Datasheet HTML 144Page - ATMEL Corporation AT697F Datasheet HTML 145Page - ATMEL Corporation AT697F Datasheet HTML 146Page - ATMEL Corporation AT697F Datasheet HTML 147Page - ATMEL Corporation AT697F Datasheet HTML 148Page - ATMEL Corporation AT697F Datasheet HTML 149Page - ATMEL Corporation AT697F Datasheet HTML 150Page - ATMEL Corporation AT697F Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 155 page
background image
AT697F ADVANCE INFORMATION
147
7703C–AERO–6/09
ITMP
0x80000090
bit 31 - IO interrupt 7 priority level
bit 29- IO interrupt 6 priority level
bit 28 - IO interrupt 5 priority level
bit 26 - IO interrupt 4 priority level
bit 15 - IO interrupt 7 mask
bit 13 - IO interrupt 6 mask
bit 12 - IO interrupt 5mask
bit 10 - IO interrupt 4mask
bit 31 - reserved
bit 29 - reserved
bit 28 - reserved
bit 26 - reserved
bit 15 - reserved
bit 13 - reserved
bit 12 - reserved
bit 10 - reserved
ITP
0x80000094
bit 15 - IO interrupt 7 pending
bit 13 - IO interrupt 6 pending
bit 12 - IO interrupt 5 pending
bit 10 - IO interrupt 4 pending
bit 15 - reserved
bit 13 - reserved
bit 12 - reserved
bit 10 - reserved
ITF
0x80000098
bit 15 - IO interrupt 7 force
bit 13 - IO interrupt 6 force
bit 12 - IO interrupt 5 force
bit 10 - IO interrupt 4 force
bit 15 - reserved
bit 13 - reserved
bit 12 - reserved
bit 10 - reserved
ITC
0x8000009C
bit 15 - IO interrupt 7 clear
bit 13 - IO interrupt 6 clear
bit 12 - IO interrupt 5 clear
bit 10 - IO interrupt 4 clear
bit 15 - reserved
bit 13 - reserved
bit 12 - reserved
bit 10 - reserved
IOIT1
0x800000A8
Renaming of IOIT
IOIT
IOIT2
0x800000AC
IO Port Interrupt Register
Configuration of IO interrupt for interrupt 4, 5, 6
and 7
not available
PCIID1
0x80000100
device id : 0x1E0F
vendor id : 16E3
device id : 0x1202
vendor id : 0x1438
PCIID2
0x80000108
class code : 0xB4000
revision id : 0x10
class code : 0xB
revision id : 0x01
PCISID
0x8000012C
subsystem id : 0x2103
subsystem vendor id : 0x16E3
subsystem id : 0x1
subsystem vendor id : 0x143E
PCIIS
0x80000154
bit 12 - SYSEN* state
bit 12 - reserved
PCIIC
0x80000158
bit 3 - reserved
bit 2 - reserved
bit 1 - reserved
bit 3 - PERR retry enable
bit 2 - Double write configuration
bit 1 - Double read configuration
PCITSC
0x80000160
bit 8 - force retry
bit 8 - reserved
TBC
0x90000004
bit 26 - AHB trace buffer freeze
bit 26 - reserved
Register
Address
AT697F Description
AT697E Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com