Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 149 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 145Page - ATMEL Corporation AT697F Datasheet HTML 146Page - ATMEL Corporation AT697F Datasheet HTML 147Page - ATMEL Corporation AT697F Datasheet HTML 148Page - ATMEL Corporation AT697F Datasheet HTML 149Page - ATMEL Corporation AT697F Datasheet HTML 150Page - ATMEL Corporation AT697F Datasheet HTML 151Page - ATMEL Corporation AT697F Datasheet HTML 152Page - ATMEL Corporation AT697F Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 155 page
background image
AT697F ADVANCE INFORMATION
149
7703C–AERO–6/09
Ordering
Information
Table 131.
Part-Number
Supply Voltage
(core / IOs)
Temperature
Range
Maximum Speed
(MHz)
Packaging
Quality Flow
AT697F-2H-E
1.8V / 3.3V
+25°C
100
MCGA349
Engineering Samples
AT697F-KG-E
1.8V / 3.3V
+25°C
100
MQFP 256
Engineering Samples
Possible Order Entries
Datasheet Revision History
7703A - 05/08
1.
Document creation.
7703B - 12/08
1.
ADVANCE INFORMATION DATASHEET Document.
7703C - 6/09
1.
AB bit description change
2.
Suffix N change to *.
3.
modify <xxx> bit in <yyy> in register by <yyy> <xxx>
4.
Replace SYSCLK by SDCLK
5.
text and wording modifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com