Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 131Page - National Semiconductor (TI) GXM Datasheet HTML 132Page - National Semiconductor (TI) GXM Datasheet HTML 133Page - National Semiconductor (TI) GXM Datasheet HTML 134Page - National Semiconductor (TI) GXM Datasheet HTML 135Page - National Semiconductor (TI) GXM Datasheet HTML 136Page - National Semiconductor (TI) GXM Datasheet HTML 137Page - National Semiconductor (TI) GXM Datasheet HTML 138Page - National Semiconductor (TI) GXM Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 244 page
background image
Revision 3.1
135
www.national.com
Integrated Functions (Continued)
4.5.8
Graphics Memory Map
The GXm processor supports a maximum of 4 MB of
graphics memory and will map it to an address space (see
Figure 4-2 on page 93) higher than the maximum amount
of installed RAM. The graphics memory aperture physi-
cally resides at the top of the installed system RAM. The
start address and size of the graphics memory aperture
are programmable on 128 KB boundaries. Typically, the
system BIOS sets the size and start address of the graph-
ics memory aperture during the boot process based on
the amount of installed RAM, user defined CMOS set-
tings, and display resolution. The graphics pipeline and
display controller address the graphics memory with a 20-
bit offset (address bits [21:2]) and four byte enables into
the graphics memory aperture. The graphics memory
stores several buffers that are used to generate the dis-
play: the frame buffer, compressed display buffer, VGA
memory, and cursor pattern(s). Any remaining off-screen
memory within the graphics aperture may be used by the
display driver as desired or not at all.
4.5.8.1
DC Memory Organization Registers
The display controller contains a number of registers that
allow full programmability of the graphics memory organi-
zation. This includes starting offsets for each of the buffer
regions described above, line delta parameters for the
frame buffer and compression buffer, as well as com-
pressed line-buffer size information. The starting offsets
for the various buffers are programmable for a high
degree of flexibility in memory organization.
4.5.8.2
Frame Buffer and Compression Buffer
Organization
The GXm processor supports primary display modes
640x480, 800x600, and 1024x768 at both 8 BPP and 16
BPP, and 1280x1024 at 8 BPP. Pixels will be packed into
DWORDs as shown in Figure 4-15.
In order to simplify address calculations by the rendering
hardware, the frame buffer is organized in an XY fashion
where the offset is simply a concatenation of the X and Y
pixel addresses. All 8 BPP display modes with the excep-
tion of 1280x1024 resolution will use a 1024-byte line
delta between the starting offsets of adjacent lines. All 16
BPP display modes and 1280x1024x8 BPP display
modes will use a 2048-byte line delta between the starting
offsets of adjacent lines. If there is room, the space
between theend of alineand thestart of thenextlinewill
be filled with the compressed display data for that line,
thus allowing efficient memory utilization. For 1024x768
display modes, the frame-buffer line size is the same as
the line delta, so no room is left for the compressed dis-
play data between lines. In this case, the compressed dis-
play buffer begins at the end of the frame buffer region
and is linearly mapped.
Figure 4-15. Pixel Arrangement Within a DWORD
Bit Position
3130 292827 2625 24 2322 2120 1918 171615 1413 12 1110 9
8 7
6 5
4 3 2
1 0
Address
3h
2h
1h
0h
Pixel Org - 8 BPP
(3,0)
(2,0)
(1,0)
(0,0)
Pixel Org - 16 BPP
(1,0)
(0,0)
(1023,0)
(1023, 1023)
(0, 0)
(0, 1023)
DWORD 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com