Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 135Page - National Semiconductor (TI) GXM Datasheet HTML 136Page - National Semiconductor (TI) GXM Datasheet HTML 137Page - National Semiconductor (TI) GXM Datasheet HTML 138Page - National Semiconductor (TI) GXM Datasheet HTML 139Page - National Semiconductor (TI) GXM Datasheet HTML 140Page - National Semiconductor (TI) GXM Datasheet HTML 141Page - National Semiconductor (TI) GXM Datasheet HTML 142Page - National Semiconductor (TI) GXM Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 244 page
background image
Revision 3.1
139
www.national.com
Integrated Functions (Continued)
4.5.9.1
Configuration and Status Registers
The Configuration and Status Registers group consists of
four 32-bit registers located at GX_BASE+8300h-830Ch.
These registers are described below and Table 4-30 gives
their bit formats.
• Display Controller Unlock (DC_UNLOCK)
- This register is provided to lock the most critical
memory-mapped display controller registers to
prevent unwanted modification (write operations).
Read operations are always allowed.
• Display Controller General Configuration
(DC_GENERAL_CFG)
- General control bits for the display controller.
• Display Controller Timing Configuration
(DC_TIMING_CFG)
- Status and control bits for various display timing
functions.
• Display Controller Output Configuration
(DC_OUTPUT_CFG)
- Status and control bits for pixel output formatting
functions.
Table 4-30. Display Controller Configuration and Status Registers
Bit
Name
Description
GX_BASE+8300h-8303h
DC_UNLOCK Register (R/W)
Default Value = 00000000h
31:16
RSVD
Reserved: Set to 0.
15:0
UNLOCK_
CODE
Unlock Code: This register must be written with the value 4758h in order to write to the protected regis-
ters. The following registers are protected by the locking mechanism.
DC_GENERAL_CFG
DC_CB_ST_OFFSET,
DC_BUF_SIZE,
DC_V_TIMING_2
DC_TIMING_CFG,
DC_CURS_ST_OFFSET,
DC_H_TIMING_1,
DC_V_TIMING_3
DC_OUTPUT_CFG,
DC_H_TIMNG_2,
DC_FP_H_TIMING
DC_FB_ST_OFFSET,
DC_LINE_DELTA,
DC_FP_V_TIMING
GX_BASE+8304h-8307h
DC_GENERAL_CFG (R/W)
Default Value = 00000000h
31
DDCK
Divide Dot Clock: Divide internal DOTCLK by two relative to PCLK (pertains only to 16 BPP display
modes utilizing an eight-bit RAMDAC): 0 = Disable; 1 = Enable.
30
DPCK
Divide Pixel Clock: Divide PCLK by two relative to internal DOTCLK (pertains only to display modes that
pack two pixels together such as 1280x1024 on an external CRT only): 0 = Disable; 1 = Enable.
29
VRDY
Video Ready Protocol: 0 = Low speed video port, use with V2.3 and older.
1 = High speed video port, use with V2.4 and newer.
28
VIDE
Video Enable: Motion video port: 0 = Disable; 1 = Enable.
27
SSLC
Split-screen Line Compare: VGA line compare function: 0 = Disable; 1 = Enable.
When enabled, the internal line counter will be compared to the value programmed in the DC_SS
_LINE_CMP register. If it matches, the frame buffer address will be reset to zero. This enables a split
screen function.
26
CH4S
Chain 4 Skip: Allow display controller to read every 4th DWORD from the frame buffer for compatibility
with the VGA: 0 = Disable; 1 = Enable.
25
DIAG
FIFO Diagnostic Mode: This bit allows testability of the on-chip Display FIFO and Compressed Line
Buffer via the diagnostic access registers. A low-to-high transition will reset the Display FIFO’s R/W point-
ers and the Compressed Line Buffer’s read pointer. 0 = Normal operation; 1 = Enable.
24
LDBL
Line Double: Allow line doubling for emulated VGA modes: 0 = Disable; 1 = Enable.
If enabled, this will cause each odd line to be replicated from the previous line as the data is sent to the dis-
play. Timing parameters should be programmed as if no pixel doubling is used, however, the frame buffer
should be loaded with half the normal number of lines.
23
CKWR
Clock Write: This bit will be output directly to an external clock chip or SYNDAC. The bit should be pulsed
high and low by the software to strobe data into the chip.
Note that this bit can be used in conjunction with the DACRS[2:0] pins.
22:20
DAC_RS[2:0]
RAMDAC Register Selects: This 3-bit field sets the register select inputs to the external RAMDAC for the
next cycle. It is used to allow access to the extended register set of the RAMDAC. Alternatively, these bits
may be used in selecting the frequency for an external clock chip or SYNDAC. If more than eight frequency
selections are required, the RAMDAC extended register programming sequence must be used or the addi-
tional select bit must be provided by some other means.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com