Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 138Page - National Semiconductor (TI) GXM Datasheet HTML 139Page - National Semiconductor (TI) GXM Datasheet HTML 140Page - National Semiconductor (TI) GXM Datasheet HTML 141Page - National Semiconductor (TI) GXM Datasheet HTML 142Page - National Semiconductor (TI) GXM Datasheet HTML 143Page - National Semiconductor (TI) GXM Datasheet HTML 144Page - National Semiconductor (TI) GXM Datasheet HTML 145Page - National Semiconductor (TI) GXM Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 244 page
background image
www.national.com
142
Revision 3.1
Integrated Functions (Continued)
9
CVSP
CRT Vertical Sync Polarity:
0 = Causes CRT VSYNC signal to be normally low, generating a high pulse during the retrace interval.
1 = Cause CRT VSYNC signal to be normally high, generating a low pulse during the retrace interval.
8
CHSP
CRT Horizontal Sync Polarity:
0 = Causes CRT HSYNC signal to be normally low, generating a high pulse during the retrace interval.
1 = Causes CRT HSYNC signal to be normally high, generating a low pulse during the retrace interval.
7BLNK
Blink Enable: Blink circuitry: 0 = Disable; 1 = Enable.
If enabled, the hardware cursor will blink as well as any pixels. This is provided to maintain compatibility
with VGA text modes. The blink rate is determined by the bit 16 (BKRT).
6VIEN
Vertical Interrupt Enable: Generate a vertical interrupt on the occurrence of the next vertical sync pulse:
0 = Disable, vertical interrupt is cleared;
1 = Enable.
This bit is provided to maintain backward compatibility with the VGA.
5TGEN
Timing Generator Enable: Allow timing generator to generate the timing control signals for the display.
0 = Disable, the Timing Registers may be reprogrammed, and all circuitry operating on the DOTCLK will be
reset.
1 = Enable, no write operations are permitted to the Timing Registers.
4
DDCK
DDC Clock: This bit is used to provide the serial clock for reading the DDC data pin. This bit is multiplexed
onto the CRTVSYNC pin, but in order for it to have an effect, the VSYE bit must be set low to disable the
normal vertical sync. Software should then pulse this bit high and low to clock data into the GXm proces-
sor.
This feature is provided to allow support for the VESA Display Data Channel standard level DDC1.
3BLKE
Blank Enable: Allow generation of the composite blank signal to the display device:
0 = Disable; 1 = Enable.
When disabled, the BLANK# output will be a static low level. This allows VESA DPMS compliance.
2VSYE
Horizontal Sync Enable: Allow generation of the horizontal sync signal to a CRT display device:
0 = Disable; 1 = Enable.
When disabled, the HSYNC output will be a static low level. This allows VESA DPMS compliance.
Note that this bit only applies to the CRT; the flat panel HSYNC is controlled by the automatic power
sequencing logic.
1
HSYE
Vertical Sync Enable: Allow generation of the vertical sync signal to a CRT display device:
0 = Disable; 1 = Enable.
When disabled, the VSYNC output will be a static low level. This allows VESA DPMS compliance.
Note that this bit only applies to the CRT; the flat panel VSYNC is controlled by the automatic power
sequencing logic.
0FPPE
Flat Panel Power Enable: On a low-to-high transition this bit will enable the flat panel power-up sequence
to begin. This will first turn on VDD to the panel, then start the clocks, syncs, and pixel bus, then turn on
the LCD bias voltage, and finally the backlight.
On a high-to-low transition, this bit will disable the outputs in the reverse order.
GX_BASE+830Ch-830Fh
DC_OUTPUT_CFG Register (R/W)
Default Value = xxx00000h
31:16
RSVD
Reserved: Set to 0.
15
DIAG
Compressed Line Buffer Diagnostic Mode: This bit will allow testability of the Compressed Line Buffer
via the diagnostic access registers. A low-to-high transition will reset the Compressed Line Buffer write
pointer. 0 = Disable (Normal operation); 1 = Enable.
14
CFRW
Compressed Line Buffer Read/Write Select: Enables the read/write address to the Compressed Line
Buffer for use in diagnostic testing of the RAM.
0 = Write address enabled
1 = Read address enabled
13
PDEH
Panel Data Enable High:
0 = The PANEL[17:9] data bus to be driven to a logic low level to effectively blank an attached flat panel
display or disable the upper pixel data bus for 16-bit pixel port RAMDACs.
1 = If no flat panel is attached, the PANEL[17:9] data bus will be driven with active pixel data. If a flat panel
is attached, setting this bit high will have no effect
− the upper panel bus will be driven based upon the
power sequencing logic.
Table 4-30. Display Controller Configuration and Status Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com