Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 145 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 145 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 141Page - National Semiconductor (TI) GXM Datasheet HTML 142Page - National Semiconductor (TI) GXM Datasheet HTML 143Page - National Semiconductor (TI) GXM Datasheet HTML 144Page - National Semiconductor (TI) GXM Datasheet HTML 145Page - National Semiconductor (TI) GXM Datasheet HTML 146Page - National Semiconductor (TI) GXM Datasheet HTML 147Page - National Semiconductor (TI) GXM Datasheet HTML 148Page - National Semiconductor (TI) GXM Datasheet HTML 149Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 244 page
background image
Revision 3.1
145
www.national.com
Integrated Functions (Continued)
GX_BASE+8318h-831Bh
DC_CUR_ST_OFFSET Register (R/W)
Default Value = xxxxxxxxh
31:22
RSVD
Reserved: Set to 0.
21:0
CUR_START
_OFFSET
Cursor Start Offset: This value represents the byte offset of the starting location of the cursor display
pattern. Bits [1:0] should always be programmed to zero so that the start offset is DWORD aligned. The
cursor data will be stored as a linear block of data. The active cursor will always be 32x32x2 bits in size.
Multiple cursor patterns may be loaded into off-screen memory. The start offset is loaded at the start of a
frame. Each cursor pattern will be exactly 256 bytes in size. Note that if there is a Y offset for the cursor
pattern, the cursor start offset should be set to point to the first displayed line of the cursor pattern. The
cursor code for a given pixel is determined by an AND mask and an XOR mask. Each line of a cursor will
be stored as two DWORDs, with each DWORD containing the AND masks for 16 pixels in the upper
word and the XOR masks for 16 pixels in the lower word. DWORDs will be arranged with the leftmost
block of 16 pixels being least significant and the rightmost block being most significant. Pixels within
words will be arranged with the leftmost pixels being most significant and the rightmost pixels being least
significant. The 2-bit cursor codes are as follows.
AND
XOR
Displayed
0
0
Cursor Color 0
0
1
Cursor Color 1
1
0
Transparent
− Background Pixel
11Inverted
− Bit-wise Inversion of Background Pixel
GX_BASE+831Ch-831Fh
Reserved
Default Value = 00000000h
GX_BASE+8320h-8323h
DC_VID_ST_OFFSET Register (R/W)
Default Value = xxxxxxxxh
31:21
RSVD
Reserved: Set to 0.
20:0
VID_START
_OFFSET
Video Buffer Start Offset Value: This is the value for the Video Buffer Start Offset. It represents the
starting location for Video Buffer. Bits [3:0] should always be programmed as zero so that the start offset
is aligned to a 16 byte boundary.
GX_BASE+8324h-8327h
DC_LINE_DELTA Register (R/W)
Default Value = xxxxxxxxh
31:22
RSVD
Reserved: Set to 0.
21:12
CB_LINE_
DELTA
Compressed Display Buffer Line Delta: This value represents number of DWORDs that, when added
to the starting offset of the previous line, will point to the start of the next compressed line in memory. It
is used to always maintain a pointer to the starting offset for the compressed display buffer line being
loaded into the display FIFO.
11:10
RSVD
Reserved: Set to 0.
9:0
FB_LINE_
DELTA
Frame Buffer Line Delta: This value represents number of DWORDs that, when added to the starting
offset of the previous line, will point to the start of the next frame buffer line in memory. It is used to
always maintain a pointer to the starting offset for the frame buffer line being loaded into the display
FIFO.
GX_BASE+8328h-832Bh
DC_BUF_SIZE Register (R/W)
Default Value = xxxxxxxxh
31:30
RSVD
Reserved: Set to 0.
29:16
VID_BUF_
SIZE
Video Buffer Size: These bits set the video buffer size, in 64-byte segments. The maximum size is 1
MB.
15:9
CB_LINE_
SIZE
Compressed Display Buffer Line Size: This value represents the number of DWORDs for a valid com-
pressed line plus 1. It is used to detect an overflow of the compressed data FIFO. It should never be
larger than 41h or 65Dh since the maximum size of the compressed data FIFO is 64 DWORDs.
8:0
FB_LINE_
SIZE
FrameBufferLineSize: This value specifies the number of QWORDS (8-byte segments) to transfer for
each display line from the frame buffer.
If panning is enabled, this value can generally be programmed to the displayed number of QWORDS + 2
so that enough data is transferred to handle any possible alignment. Extra pixel data in the FIFO at the
end of a line will automatically be discarded.
GX_BASE+832Ch-832Fh
Reserved
Default Value = 00000000h
Table 4-31. Display Controller Memory Organization Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com