Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 145Page - National Semiconductor (TI) GXM Datasheet HTML 146Page - National Semiconductor (TI) GXM Datasheet HTML 147Page - National Semiconductor (TI) GXM Datasheet HTML 148Page - National Semiconductor (TI) GXM Datasheet HTML 149Page - National Semiconductor (TI) GXM Datasheet HTML 150Page - National Semiconductor (TI) GXM Datasheet HTML 151Page - National Semiconductor (TI) GXM Datasheet HTML 152Page - National Semiconductor (TI) GXM Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 244 page
background image
Revision 3.1
149
www.national.com
Integrated Functions (Continued)
4.5.12 Cursor Position Registers
The Cursor Position Registers contain pixel coordinate
information for the cursor. These values are not latched by
the timing generator until the start of the frame to avoid
tearing artifacts when moving the cursor.
The Cursor Position group consists of four 32-bit registers
located at GX_BASE+8350h-835Ch. These registers are
described below and Table 4-33 gives their bit formats.
• Display Controller Cursor X Position (DC_CURSOR_X)
- Contains the X position information of the hardware
cursor.
• Display Controller Vertical Line Count
(DC_V_LINE_CNT)
- This register is read only. It provides the current
scanline for the display. It is used by software to time
update of the frame buffer to avoid tearing artifacts.
• Display Controller Cursor Y Position (DC_CURSOR_Y)
- Contains the Y position information of the hardware
cursor.
• Display Controller Split-Screen Line Compare
(DC_SS_LINE_CMP)
- Contains the line count at which the lower screen
begins in a VGA split-screen mode.
Table 4-33. Display Controller Cursor Position Registers
Bit
Name
Description
GX_BASE+8350h-8353h
DC_CURSOR_X Register (R/W)
Default Value = xxxxxxxxh
31:16
RSVD
Reserved: Set to 0.
15:11
X_OFFSET
X Offset: This field represents the X pixel offset within the 32x32 cursor pattern at which the displayed
portion of the cursor is to begin. Normally, this value is set to zero to display the entire cursor pattern, but
for cursors for which the "hot spot" is not at the left edge of the pattern, it may be necessary to display
the rightmost pixels of the cursor only as the cursor moves close to the left edge of the display.
10:0
CURSOR_X
Cursor X: This field represents the X coordinate of the pixel at which the upper left corner of the cursor
is to be displayed. This value is referenced to the screen origin (0,0) which is the pixel in the upper left
corner of the screen.
GX_BASE+8354h-8357h
DC_V_LINE_CNT Register (RO)
Default Value = xxxxxxxxh
31:11
RSVD
Reserved (Read Only)
10:0
V_LINE_CNT
(RO)
Vertical Line Count (Read Only): This value is the current scanline of the display.
Note: The value in this register is driven directly off of the DOTCLK, and consequently it is not synchronized with the CPU clock. Soft-
ware should read this register twice and compare the result to ensure that the value is not transitioning.
GX_BASE+8358h-835Bh
DC_CURSOR_Y Register (R/W)
Default Value = xxxxxxxxh
31:16
RSVD
Reserved: Set to 0.
15:11
Y_OFFSET
Y Offset: This field represents the Y line offset within the 32x32 cursor pattern at which the displayed
portion of the cursor is to begin. Normally, this value is set to zero to display the entire cursor pattern, but
for cursors for which the "hot spot" is not at the top edge of the pattern, it may be necessary to display
the bottommost lines of the cursor only as the cursor moves close to the top edge of the display. Note
that if this value is nonzero, the CUR_START_OFFSET must be set to point to the first cursor line to be
displayed.
10
RSVD
Reserved: Set to 0.
9:0
CURSOR_Y
Cursor Y: This field represents the Y coordinate of the line at which the upper left corner of the cursor is
to be displayed. This value is referenced to the screen origin (0,0) which is the pixel in the upper left cor-
ner of the screen.
This field is alternately used as the line-compare value for a newly-programmed frame buffer start offset.
This is necessary for VGA programs that change the start offset in the middle of a frame. In order to use
this function, the hardware cursor function should be disabled.
GX_BASE+835Ch-835Fh
DC_SS_LINE_CMP Register (R/W)
Default Value = xxxxxxxxh
31:11
RSVD
Reserved: Set to 0.
10:0
SS_LINE_CM
P
Split-Screen Line Compare: This is the line count at which the lower screen begins in a VGA split-
screen mode.
Note: When the internal line counter hits this value, the frame buffer address is reset to 0. This function is enabled with the SSLC bit
in the DC_GENERAL_CFG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com