Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 148Page - National Semiconductor (TI) GXM Datasheet HTML 149Page - National Semiconductor (TI) GXM Datasheet HTML 150Page - National Semiconductor (TI) GXM Datasheet HTML 151Page - National Semiconductor (TI) GXM Datasheet HTML 152Page - National Semiconductor (TI) GXM Datasheet HTML 153Page - National Semiconductor (TI) GXM Datasheet HTML 154Page - National Semiconductor (TI) GXM Datasheet HTML 155Page - National Semiconductor (TI) GXM Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 244 page
background image
www.national.com
152
Revision 3.1
Integrated Functions (Continued)
31:0
DISPLAY FIFO
DIAGNOSTIC
DATA
Display FIFO Diagnostic Read or Write Data: Before this register is accessed, the DIAG bit in
DC_GENERAL_CFG register should be set high and the DFLE bit should be set low. Since, each
FIFO entry is 64 bits, an even number of write operations should be performed. Each pair of write
operations will cause the FIFO write pointer to increment automatically. After all write operations
have been performed, a single read of don't care data should be performed to load data into the out-
put latch. Each subsequent read will contain the appropriate data which was previously written.
Each pair of read operations will cause the FIFO read pointer to increment automatically. A pause of
at least four core clocks should be allowed between subsequent read operations to allow adequate
time for the shift to take place.
GX_BASE+837Ch-837Fh
DC_CFIFO_DIAG Register (R/W)
Default Value = xxxxxxxxh
31:0
COMPRESSED
FIFO DIAGNOS-
TIC DATA
Compressed Data FIFO Diagnostic Read or Write Data: Before this register is accessed, the
DIAG bit in DC_GENERAL_CFG register should be set high and the DFLE bit should be set low.
Also, the DIAG bit in DC_OUTPUT_CFG should be set high and the CFRW bit in
DC_OUTPUT_CFG should be set low. After each write, the FIFO write pointer will automatically
increment. After all write operations have been performed, the CFRW bit of DC_OUTPUT_CFG
should be set high to enable read addresses to the FIFO and a single read of don't care data should
be performed to load data into the output latch. Each subsequent read will contain the appropriate
data which was previously written. After each read, the FIFO read pointer will automatically incre-
ment.
Table 4-35. Display Controller Palette and RAM Diagnostic Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com