Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 146Page - National Semiconductor (TI) GXM Datasheet HTML 147Page - National Semiconductor (TI) GXM Datasheet HTML 148Page - National Semiconductor (TI) GXM Datasheet HTML 149Page - National Semiconductor (TI) GXM Datasheet HTML 150Page - National Semiconductor (TI) GXM Datasheet HTML 151Page - National Semiconductor (TI) GXM Datasheet HTML 152Page - National Semiconductor (TI) GXM Datasheet HTML 153Page - National Semiconductor (TI) GXM Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 244 page
background image
www.national.com
150
Revision 3.1
Integrated Functions (Continued)
4.5.13 Color Registers
Theseregisters areusedin8BPP displaymodewithan
external RAMDAC for passing cursor and border color
indices to the palette in the RAMDAC. For the flat panel
color translation, the cursor and border color data is
loaded into palette extensions as described in the Palette
Access Registers section.
The Color Registers group consists of two 32-bit registers
located at GX_BASE+8360h-8368h. These registers are
described below and Table 4-34 gives their bit formats.
• Display Controller Cursor Color
(DC_CURSOR_COLOR)
- Contains the 8-bit indices for the cursor colors.
• Display Controller Border Color
(DC_BORDER_COLOR)
Contains the 8-bit index for the border or overscan color.
Table 4-34. Display Controller Color Registers
Bit
Name
Description
GX_BASE+8360h-8363h
DC_CURSOR_COLOR Register (R/W)
Default Value = xxxxxxxxh
31:16
RSVD
Reserved: Set to 0.
15:8
CURS_CLR_1
Cursor Color 1: This is the 8-bit index to the external palette for the cursor color 1. It should point to
a reserved or static color.
7:0
CURS_CLR_0
Cursor Color 0: This is the 8-bit index to the external palette for the cursor color 0. It should point to
a reserved or static color.
GX_BASE+8364h-8367h
Reserved
Default Value = 00000000h
GX_BASE+8368h-836Bh
DC_BORDER_COLOR Register (RO)
Default Value = xxxxxxxxh
31:8
RSVD
Reserved: Set to 0.
7:0
BORDER_CLR
Border Color: This is the 8-bit index to the external palette for the border color. It should point to a
reserved or static color.
GX_BASE+836Ch-836Fh
Reserved
Default Value = 00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com