Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 142Page - National Semiconductor (TI) GXM Datasheet HTML 143Page - National Semiconductor (TI) GXM Datasheet HTML 144Page - National Semiconductor (TI) GXM Datasheet HTML 145Page - National Semiconductor (TI) GXM Datasheet HTML 146Page - National Semiconductor (TI) GXM Datasheet HTML 147Page - National Semiconductor (TI) GXM Datasheet HTML 148Page - National Semiconductor (TI) GXM Datasheet HTML 149Page - National Semiconductor (TI) GXM Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 244 page
background image
www.national.com
146
Revision 3.1
Integrated Functions (Continued)
4.5.11 Timing Registers
The GXm processor timing registers control the genera-
tion of sync, blanking, and active display regions. They
provide complete flexibility in interfacing to both CRT and
flat panel displays. These registers will generally be pro-
grammed by the BIOS from an INT 10h call or by the
extended mode driver from a display timing file. Note that
the horizontal timing parameters are specified in character
clocks, which actually means pixels divided by 8, since all
characters are bit mapped. For interlaced display the ver-
tical counter will be incremented twice during each display
line, so vertical timing parameters should be programmed
with reference to the total frame rather than a single field.
The Timing Registers group consists of six 32-bit registers
located at GX_BASE+8330h-834Ch. These registers are
described below and Table 4-32 gives their bit formats.
• Display Controller Horizontal and Total Timing
(DC_H_TIMING_1)
- Contains horizontal active and total timing informa-
tion.
• Display Controller CRT Horizontal Blanking Timing
(DC_H_TIMING_2 Register)
- Contains CRT horizontal blank timing information.
• Display Controller CRT Sync Timing
(DC_H_TIMING_3)
- Contains CRT horizontal sync timing information.
Note,however,thatthis registershould also be
programmed appropriately for flat panel only display
since the horizontal sync transition determines when
to advance the vertical counter.
• Display Controller Flat Panel Horizontal Sync Timing
(DC_FP_H_TIMING)
- Contains horizontal sync timing information for an
attached flat panel display.
• Display Controller Vertical and Total Timing
(DC_V_TIMING_1)
- Contains vertical active and total timing information.
The parameters pertain to both CRT and flat panel
display.
• Display Controller CRT Vertical Blank Timing
(DC_V_TIMING_2)
- Contains vertical blank timing information.
• Display Controller CRT Vertical Sync Timing
(DC_V_TIMING_3)
- Contains CRT vertical sync timing information.
• Display Controller Flat Panel Vertical Sync Timing
(DC_FP_V_TIMING)
- Contains flat panel vertical sync timing information.
Table 4-32. Display Controller Timing Registers
Bit
Name
Description
GX_BASE+8330h-8333h
DC_H_TIMING_1 Register (R/W)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:19
H_TOTAL
Horizontal Total: This field represents the total number of character clocks for a given scan line
minus 1. Note that the value is necessarily greater than the H_ACTIVE field because it includes bor-
der pixels and blanked pixels. For flat panels, this value will never change. The field [26:16] may be
programmed with the pixel count minus 1, although bits [18:16] are ignored. The horizontal total is
programmable on 8-pixel boundaries only.
18:16
RSVD
Reserved: These bits are readable and writable but have no effect.
15:11
RSVD
Reserved: Set to 0.
10:3
H_ACTIVE
Horizontal Active: This field represents the total number of character clocks for the displayed por-
tion of a scan line minus 1. The field [10:0] may be programmed with the pixel count minus 1,
although bits [2:0] are ignored. The active count is programmable on 8-pixel boundaries only. Note
that for flat panels, if this value is less than the panel active horizontal resolution (H_PANEL), the
parameters H_BLANK_START, H_BLANK_END, H_SYNC_START, and H_SYNC_END should be
reduced by the value of H_ADJUST (or the value of H_PANEL - H_ACTIVE / 2)to achieve horizontal
centering.
2:0
RSVD
Reserved: These bits are readable and writable but have no effect.
Note: Note also that for simultaneous CRT and flat panel display the H_ACTIVE and H_TOTAL parameters pertain to both.
GX_BASE+8334h-8337h
DC_H_TIMING_2 Register (R/W)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:19
H_BLK_END
Horizontal Blank End: This field represents the character clock count at which the horizontal blank-
ing signal becomes inactive minus 1. The field [26:16] may be programmed with the pixel count
minus 1, although bits [18:16] are ignored. The blank end position is programmable on 8-pixel
boundaries only.
18:16
RSVD
Reserved: These bits are readable and writable but have no effect.
15:11
RSVD
Reserved: Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com