Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 139Page - National Semiconductor (TI) GXM Datasheet HTML 140Page - National Semiconductor (TI) GXM Datasheet HTML 141Page - National Semiconductor (TI) GXM Datasheet HTML 142Page - National Semiconductor (TI) GXM Datasheet HTML 143Page - National Semiconductor (TI) GXM Datasheet HTML 144Page - National Semiconductor (TI) GXM Datasheet HTML 145Page - National Semiconductor (TI) GXM Datasheet HTML 146Page - National Semiconductor (TI) GXM Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 244 page
background image
Revision 3.1
143
www.national.com
Integrated Functions (Continued)
12
PDEL
Panel Data Enable Low:
0 = This bit will cause the PANEL[8:0] data bus to be driven to a logic low level to effectively blank an
attached flat panel display or disable the lower panel data bus if it is not required.
1= If no flat panel is attached, the PANEL[8:0] data bus will be driven with active pixel data. If a flat panel is
attached, setting this bit high will have no effect
− the lower panel bus will be driven based upon the power
sequencing logic.
11
PRMP
Palette Re-map:
0 = The modified codes are sent to the RAMDAC and the external palette should uses the modified map-
ping.
1 = Bits [8:1] of the palette output register are routed to the RAMDAC data bus. The GXm processor inter-
nal palette RAM may be loaded with 8-bit VGA indices to translate the modified codes stored in display
memory so that the RAMDAC data bus will contain the expected indices. The modified codes are used to
achieve character blinking in VGA text modes. This mode should be set high set high only for desktop sys-
tems with no flat panel attached. It should only be necessary when 8514/A or VESA standard feature con-
nector support is required.
10
CKSL
Clock Select: Selects output used to clock PANEL[17:0], FPHSYNC, FPVSYNC, and ENADISP output
pins.
1= PCLK
0 = FPCLK (based upon the power sequencing logic)
This bit should be high when using a 16-bit RAMDAC.
9FRMS
Frame Rate Modulation Select:
0 = Enables FRM circuitry to change the pattern displayed every frame.
1 = Enables FRM circuitry to change the pattern displayed every two frames (to allow for slower response
time liquid crystal materials).
83/4ADD
3- or 4-bit Add:
0 = Enables dither and FRM circuitry to operate on the 3 most significant bits of each color component for
9-bit TFT panels.
1 = Enables the dither and FRM circuitry to operate on the 4 most significant bits of each color component
for 12-bit TFT panels.
7RSVD
Reserved: Must be set to 0.
6RSVD
Reserved: Must be set to 0.
5RSVD
Reserved: Must be set to 0.
4DITE
Dither Enable: Allow a 2x2 spatial dither on the 3-bit or 4-bit color value. Note that dither will not be sup-
ported for 12-bit TFT panels when FRM is enabled. 0 = Disable; 1 = Enable.
3FRME
Frame-Rate Modulation Enable: Allow FRM to be performed on the 3-bit or 4-bit color value using the
next most significant bit after the least significant bit sent to the panel.
0 = Disable (no FRM performed);
1 = Enable.
2PCKE
PCLK Enable:
0 = PCLK is disabled and a low logic level is driven off-chip. Also, the RAMDAC data bus is driven low.
1 = Enable PCLK to be driven off-chip.
This clock operates the RAMDAC interface.
1
16FMT
16 BPP Format: Selects RGB display mode:
0 = RGB 5-6-5 mode
1 = RGB 5-5-5 display mode
This bit is only significant if 8 BPP is low, indicating 16 BPP mode.
08BPP
8BPP / 16BPP Select:
0 = 16-bit per pixel display mode is selected. (Bit 1 of OUTPUT_CONFIG will indicate the format of the 16
bit data.)
1 = 8-bit-per-pixel display mode is selected. This is the also the mode used in VGA emulation.
Table 4-30. Display Controller Configuration and Status Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com