Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 144Page - National Semiconductor (TI) GXM Datasheet HTML 145Page - National Semiconductor (TI) GXM Datasheet HTML 146Page - National Semiconductor (TI) GXM Datasheet HTML 147Page - National Semiconductor (TI) GXM Datasheet HTML 148Page - National Semiconductor (TI) GXM Datasheet HTML 149Page - National Semiconductor (TI) GXM Datasheet HTML 150Page - National Semiconductor (TI) GXM Datasheet HTML 151Page - National Semiconductor (TI) GXM Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 244 page
background image
www.national.com
148
Revision 3.1
Integrated Functions (Continued)
10:0
V_BLANK_
START
Vertical Blank Start: This field represents the line at which the vertical blanking signal becomes
active minus 1. If the display is interlaced, this value should be programmed to V_ACTIVE plus 1.
Note: All values are specified in lines. For interlaced display, no border is supported, so blank timing is implied by the total/active tim-
ing.
GX_BASE+8348h-834Bh
DC_V_TIMING_3 Register (R/W)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:16
V_SYNC_END
Vertical Sync End: This field represents the line at which the CRT vertical sync signal becomes
inactive minus 1.
15:11
RSVD
Reserved: Set to 0.
10:0
V_SYNC_START
Vertical Sync Start: This field represents the line at which the CRT vertical sync signal becomes
active minus 1. For interlaced display, note that the vertical counter is incremented twice during each
line and since there are an odd number of lines, the vertical sync pulse will trigger in the middle of a
line for one field and at the end of a line for the subsequent field.
Note: All values are specified in lines.
GX_BASE+834Ch-834Fh
DC_FP_V_TIMING Register (R/W)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:16
FP_V_SYNC
_END
Flat Panel Vertical Sync End: This field represents the line at which the flat panel vertical sync sig-
nal becomes inactive minus 2. Note that the internal flat panel vertical sync is latched by the flat
panel horizontal sync prior to being output to the panel.
15:11
RSVD
Reserved: Set to 0.
10:0
FP_VSYNC
_START
Flat Panel Vertical Sync Start: This field represents the line at which the internal flat panel vertical
sync signal becomes active minus 2. Note that the internal flat panel vertical sync is latched by the
flat panel horizontal sync prior to being output to the panel.
Note: All values are specified in lines.
Table 4-32. Display Controller Timing Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com