Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 151 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 147Page - National Semiconductor (TI) GXM Datasheet HTML 148Page - National Semiconductor (TI) GXM Datasheet HTML 149Page - National Semiconductor (TI) GXM Datasheet HTML 150Page - National Semiconductor (TI) GXM Datasheet HTML 151Page - National Semiconductor (TI) GXM Datasheet HTML 152Page - National Semiconductor (TI) GXM Datasheet HTML 153Page - National Semiconductor (TI) GXM Datasheet HTML 154Page - National Semiconductor (TI) GXM Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 244 page
background image
Revision 3.1
151
www.national.com
Integrated Functions (Continued)
4.5.14 Palette Access Registers
These registers are used for accessing the internal palette
RAM and extensions. In addition to the standard 256
entries for 8 BPP color translation, the GXm processor
palette has extensions for cursor colors and overscan
(border) color.
The Palette Access Register group consists of four 32-bit
registers located at GX_BASE+8370h-837Ch. These reg-
isters are described below and Table 4-35 gives their bit
formats.
• Display Controller Palette Address
(DC_PAL_ADDRESS)
- This register should be written with the address
(index) location to be used for the next access to the
DC_PAL_DATA register.
• Display Controller Palette Data (DC_PAL_DATA)
- Contains the data for a palette access cycle.
• Display Controller Display FIFO Diagnostic
(DC_DFIFO_DIAG)
- This register is provided to enable testability of the
Display FIFO RAM.
• Display Controller Compression FIFO Diagnostic
(DC_CFIFO_DIAG)
- This register is provided to enable testability of the
Compressed Line Buffer (FIFO) RAM.
Table 4-35. Display Controller Palette and RAM Diagnostic Registers
Bit
Name
Description
GX_BASE+8370h-8373h
DC_PAL_ADDRESS Register (R/W)
Default Value = xxxxxxxxh
31:9
RSVD
Reserved: Set to 0.
8:0
PALETTE_ADDR
Palette Address: This 9-bit field specifies the address to be used for the next access to the
DC_PAL_DATA register. Each access to the data register will automatically increment the palette
address register. If non-sequential access is made to the palette, the address register must be
loaded between each non-sequential data block. The address ranges are as follows.
Address
Color
0h - FFh
Standard Palette Colors
100h
Cursor Color 0
101h
Cursor Color 1
102h
Reserved
103h
Reserved
104h
Overscan Color
105h - 1FFh
Not Valid
Note that in general, 18-bit values will be loaded for all color extensions. However, if a 16 BPP mode
is active, only the appropriate most significant bits will be used (5-5-5 or 5-6-5). If an 8 BPP display
mode is active and an external RAMDAC is used, the cursor index will be obtained from the
DC_CURSOR_COLOR register. The border index will be obtained from the DC_BORDER_COLOR
register.
GX_BASE+8374h-8377h
DC_PAL_DATA Register (R/W)
Default Value = xxxxxxxxh
31:18
RSVD
Reserved: Set to 0.
17:0
PALETTE_DATA
Palette Data: This 18-bit field contains the read or write data for a palette access.
Note: When a read or write to the palette RAM occurs, the previous output value will be held for one additional DOTCLK period. This
effect should go unnoticed and will provide for sparkle-free update. Prior to a read or write to this register, the
DC_PAL_ADDRESS register should be loaded with the appropriate address. The address automatically increments after each
access to this register, so for sequential access, the address register need only be loaded once
GX_BASE+8378h-837Bh
DC_DFIFO_DIAG Register (R/W)
Default Value = xxxxxxxxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com