Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 149Page - National Semiconductor (TI) GXM Datasheet HTML 150Page - National Semiconductor (TI) GXM Datasheet HTML 151Page - National Semiconductor (TI) GXM Datasheet HTML 152Page - National Semiconductor (TI) GXM Datasheet HTML 153Page - National Semiconductor (TI) GXM Datasheet HTML 154Page - National Semiconductor (TI) GXM Datasheet HTML 155Page - National Semiconductor (TI) GXM Datasheet HTML 156Page - National Semiconductor (TI) GXM Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 244 page
background image
Revision 3.1
153
www.national.com
Integrated Functions (Continued)
4.5.15 CS5530 Display Controller Interface
As previously stated in Section 1.6 “Geode GXM/CS5530
System Designs” on page 11, the GXm processor inter-
faces with either the CS5530 I/O companion chip. This
section will discuss the specifics on signal connections
between the two devices with regards to the display con-
troller.
When theGXm processor isusedinasystem withthe
CS5530 I/O
companion chip, the need for an external
RAMDAC is eliminated. The CS5530 contains the DACs,
a video accelerator engine, and the TFT interface.
A GXm processor and CS5530-based system supports
both portable and desktop configurations. Figure 4-16
shows the signal connections for both types of systems.
Figure 4-16. Display Controller Signal Connections
DCLK
PCLK
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_RDY
VID_CLK
VID_DATA[7:0]
PIXEL[17:12]
PIXEL[11:6]
HSYNC
VSYNC
R[5:0]
G[5:0]
B[5:0]
CLK
VDD
12VBKL
Pin 13
Pin 14
Pin 3
Pin 2
Pin 1
Geode™ GXm
Processor
Power
Control
TFT
ENAB
VGA
Pin 15
Pin 12
Flat
Geode™ CS5530
I/O Companion
DCLK
PCLK
FP_HSYNC
FP_VSYNC
FP_DISP_ENA
VID_RDY
VID_CLK
VID_DATA[7:0]
PIXEL[23:18]*
PIXEL[15:10]*
PIXEL[5:0]
VID_VAL
CRT_HSYNC
CRT_VSYNC
PIXEL[7:2]*
VID_VAL
HSYNC
VSYNC
FP_ENA_VDD
FP_ENA_BKL
FP_DISP_ENA_OUT
FP_HSYNC
FP_VSYNC
FP_CLK
FP_DATA[17:12]
FP_DATA[11:16]
FP_DATA[5:0]
Logic
HSYNC_OUT
VSYNC_OUT
IOUTR
IOUTG
IOUTB
DDC_SCL
DDC_SDA
Panel
Port
Portable
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com