Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 153Page - National Semiconductor (TI) GXM Datasheet HTML 154Page - National Semiconductor (TI) GXM Datasheet HTML 155Page - National Semiconductor (TI) GXM Datasheet HTML 156Page - National Semiconductor (TI) GXM Datasheet HTML 157Page - National Semiconductor (TI) GXM Datasheet HTML 158Page - National Semiconductor (TI) GXM Datasheet HTML 159Page - National Semiconductor (TI) GXM Datasheet HTML 160Page - National Semiconductor (TI) GXM Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 244 page
background image
Revision 3.1
157
www.national.com
Integrated Functions (Continued)
4.6.7
PCI Configuration Space Registers
To access the internal PCI configuration registers of the
GXm processor, the Configuration Address Register
(CONFIG_ADDRESS) must be written as a DWORD
using the format shown in Table 4-38. Any other size will
be interpreted asanI/O writetoPort0CF8h.Also, when
entering the Configuration Index, only the six most signifi-
cant bits of the offset are used, and the two least signifi-
cant bits must be 00b.
Table 4-39 summarizes the registers located within the
Configuration Space. The tables that follow, give detailed
register/bit formats.
Table 4-38. Format for Accessing the Internal PCI Configuration Registers
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8765
43210
1
RESERVED
0
00000
0000
00000
0
Configuration Index
0
0
Table 4-39. PCI Configuration Space Register Summary
Index
Type
Name
Default Value
00h-01h
RO
Vendor Identification
1078h
02h-03h
RO
Device Identification
0001h
04h-05h
R/W
PCI Command
0007h
06h-07h
R/W
Device Status
0280h
08h
RO
Revision Identification
00h
09h-0Bh
RO
Class Code
060000h
0Ch
RO
Cache Line Size
00h
0Dh
R/W
Latency Timer
0Dh
0Eh-3Fh
--
Reserved
00h
40h
R/W
PCI Control Function 1
00h
41h
R/W
PCI Control Function 2
96h
42h
--
Reserved
00h
43h
R/W
PCI Arbitration Control 1
80h
44h
R/W
PCI Arbitration Control 2
00h
45h-FFh
--
Reserved
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com