Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 154Page - National Semiconductor (TI) GXM Datasheet HTML 155Page - National Semiconductor (TI) GXM Datasheet HTML 156Page - National Semiconductor (TI) GXM Datasheet HTML 157Page - National Semiconductor (TI) GXM Datasheet HTML 158Page - National Semiconductor (TI) GXM Datasheet HTML 159Page - National Semiconductor (TI) GXM Datasheet HTML 160Page - National Semiconductor (TI) GXM Datasheet HTML 161Page - National Semiconductor (TI) GXM Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 244 page
background image
www.national.com
158
Revision 3.1
Integrated Functions (Continued)
Table 4-40. PCI Configuration Registers
Bit
Name
Description
Index 00h-01h
Vendor Identification Register (RO)
Default Value = 1078h
31:0
VID (RO)
Vendor Identification Register (Read Only): The combination of this value and the device ID uniquely
identifies any PCI device. The Vendor ID is the ID given to national Semiconductor Corporation by the
PCI SIG.
Index 02h-03h
Device Identification Register (RO)
Default Value = 0001h
31:0
DIR (RO)
Device Identification Register (Read Only): This value along with the vendor ID uniquely identifies any
PCI device.
Index 04h-05h
PCI Command Register (R/W)
Default Value = 0007h
15:10
RSVD
Reserved: Set to 0.
9FBE
Fast Back-to-Back Enable: As a master, the GXm processor does not support this function.
This bit returns 0.
8SERR
SERR# Enable: This is used as an output enable gate for the SERR# driver.
7WAT
Wait Cycle Control: GXm processor does not do address/ data stepping.
This bit is always set to 0.
6PE
Parity Error Response:
0 = GXm processor ignores parity errors on the PCI bus.
1 = GXm processor checks for parity errors.
5VPS
VGA Palette Snoop: GXm processor does not support this function.
This bit is always set to 0.
4MS
Memory Write and Invalidate Enable: As a master, the GXm processor does not support this function.
This bit is always set to 0.
3SPC
Special Cycles: GXm processor does not respond to special cycles on the PCI bus.
This bit is always set to 0.
2BM
Bus Master:
0 = GXm processor does not perform master cycles on the PCI.
1 = GXm processor can act as a bus master on the PCI.
1MS
Memory Space: GXm processor will always respond to memory cycles on the PCI.
This bit is always set to 1.
0IOS
I/O Space: GXm processor will not respond to I/O accesses from the PCI.
This bit is always set to 1.
Index 06h-07h
PCI Device Status Register (RO, R/W Clear)
Default Value = 0280h
15
DPE
Detected Parity Error: When a parity error is detected, this bit is set to 1.
This bit can be cleared to 0 by writing a 1 to it.
14
SSE
Signaled System Error: This bit is set whenever SERR# is driven active.
13
RMA
Received Master Abort: This bit is set whenever a master abort cycle occurs. A master abort will occur
whenever a PCI cycle is not claimed except for special cycles.
This bit can be cleared to 0 by writing a 1 to it.
12
RTA
Received Target Abort: This bit is set whenever a target abort is received while the GXm processor is
master of the cycle.
This bit can be cleared to 0 by writing a 1 to it.
11
STA
Signaled Target Abort: This bit is set whenever the GXm processor signals a target abort. A target
abort is signaled when an address parity occurs for an address that hits in the GXm processor’s address
space.
This bit can be cleared to 0 by writing a 1 to it.
10:9
DT
Devise Timing:
00 = Fast
01 = Medium
10 = Slow
11 = Reserved
The GXm processor performs medium DEVSEL# active for addresses that hit into the GXm processor
address space. These two bits are always set to 01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com