Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 157Page - National Semiconductor (TI) GXM Datasheet HTML 158Page - National Semiconductor (TI) GXM Datasheet HTML 159Page - National Semiconductor (TI) GXM Datasheet HTML 160Page - National Semiconductor (TI) GXM Datasheet HTML 161Page - National Semiconductor (TI) GXM Datasheet HTML 162Page - National Semiconductor (TI) GXM Datasheet HTML 163Page - National Semiconductor (TI) GXM Datasheet HTML 164Page - National Semiconductor (TI) GXM Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 244 page
background image
Revision 3.1
161
www.national.com
Integrated Functions (Continued)
Index 44h
PCI Arbitration Control 2 Register (R/W)
Default Value = 00h
7PP
Ping-Pong:
0 = Arbiter grants the processor bus per the setting of bits [2:0].
1 = Arbiter grants the processor bus ownership of the PCI bus every other arbitration cycle.
6:4
FAC
Fixed Arbitration Controls: These bits control the priority under fixed arbitration. The priority table is as
follows (priority listed highest to lowest):
000 = REQ0#, REQ1#, REQ2#
001 = REQ1#, REQ0#, REQ2#
010 = REQ0#, REQ2#,REQ1#
011 = Reserved
100 = REQ1#, REQ2#, REQ0#
101 = Reserved
110 = REQ2#, REQ1#, REQ0#
111 = REQ2#, REQ0#, REQ1#
Note: The rotation arbitration bits [2:0] must be set to 000 for full fixed arbitration. If rotation bits are not
set to 000, then hybrid arbitration will occur. If Ping-Pong is enabled (bit 7 = 1), the processor will
have priority every other arbitration. In this mode, the arbiter grants the PCI bus to a master and
ignores all other requests. When the master finishes, the processor will be guaranteed access. At
this point PCI requests will again be recognized. This will switch arbitration from CPU-to-PCI to
CPU-to-PCI, etc.
3RSVD
Reserved: Set to 0.
45h-FFh
--
Reserved
Table 4-40. PCI Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com