Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 160Page - National Semiconductor (TI) GXM Datasheet HTML 161Page - National Semiconductor (TI) GXM Datasheet HTML 162Page - National Semiconductor (TI) GXM Datasheet HTML 163Page - National Semiconductor (TI) GXM Datasheet HTML 164Page - National Semiconductor (TI) GXM Datasheet HTML 165Page - National Semiconductor (TI) GXM Datasheet HTML 166Page - National Semiconductor (TI) GXM Datasheet HTML 167Page - National Semiconductor (TI) GXM Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 244 page
background image
www.national.com
164
Revision 3.1
Integrated Functions (Continued)
4.6.8.3
PCI Arbitration
An agent requests the bus by asserting its REQ#. Based
on the arbitration scheme set in the PCI Arbitration Con-
trol 2 Register (Index 44h), the GX PCI arbiter will grant
the request by asserting GNT#. Figure 4-20 illustrates
basic arbitration.
REQ#-a is asserted at clock 1. The PCI GXm processor
arbiter grants access to Agent A by asserting GNT#-a on
clock 2. Agent A must begin a transaction by asserting
FRAME# within 16 clocks, or the GX PCI arbiter will
remove GNT#. Also, it is possible for Agent A to lose bus
ownership sooner if another agent with higher priority
requests the bus. However, in this example, Agent A
starts the transaction on clock 3 by asserting FRAME#
and completes its transaction. Since Agent A requests
another transaction, REQ#-a remains asserted. When
FRAME# is asserted on clock 3, the GXm processor’s PCI
arbiter determines Agent B should go next, asserts
GNT#-b and deasserts GNT#-a on clock 4. Agent B
requires only a single transaction. It completes the trans-
action, then deasserts FRAME# and REQ#-b on clock 6.
The GXm processor’s PCI arbiter can then grant access
to agent A, and does so on clock 7. Note that all buffers
must flush before a grant is given to a new agent.
For additional information refer to Chapter 3.4.1, Arbitra-
tion Signaling Protocol, of the PCI Local Bus Specifica-
tion, Revision 2.1.
4.6.8.4
PCI Halt Command
Halt is a broadcast message from the processor indicating
it has executed a halt instruction. The PCI Special Cycle
command is used to broadcast the message to all agents
on the bus segment. During the address phase of the Halt
Special cycle, C/BE[3:0]# = 0001 and AD[31:0] are driven
to random values. During the data phase, C/BE[3:0]# =
1100 indicating bytes 1 and 0 are valid and AD[15:0] =
0001h.
For additional information, refer to Chapter 3.7.2, Special
Cycle, and Appendix A, Special Cycle Messages, of the
PCI Local Bus Specification, Revision 2.1.
Figure 4-20. Basic Arbitration
CLK
REQ#-a
REQ#-b
GNT#-a
GNT#-b
FRAME#
AD
DATA
ADDR
DATA
ADDR
access-a
access-b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com