Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 162Page - National Semiconductor (TI) GXM Datasheet HTML 163Page - National Semiconductor (TI) GXM Datasheet HTML 164Page - National Semiconductor (TI) GXM Datasheet HTML 165Page - National Semiconductor (TI) GXM Datasheet HTML 166Page - National Semiconductor (TI) GXM Datasheet HTML 167Page - National Semiconductor (TI) GXM Datasheet HTML 168Page - National Semiconductor (TI) GXM Datasheet HTML 169Page - National Semiconductor (TI) GXM Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 244 page
background image
www.national.com
166
Revision 3.1
Virtual Subsystem Architecture (Continued)
A VGA is made up of several functional units.
•The frame buffer is 256 KB of memory that provides
data for the video display. It is organized as 64 K 32-bit
DWORDs.
•The sequencer decomposes word and DWORD CPU
accesses into byte operations for the graphics
controller. It also controls a number of miscellaneous
functions, including reset and some clocking controls.
•The graphics controller provides most of the interface
between CPU data and the frame buffer. It allows the
programmer to read and write frame buffer data in
different formats. Plus provides ROP (raster operation)
and masking functions.
•The CRT controller provides video timing signals and
address generation for video refresh. It also provides a
text cursor.
•The attribute controller contains the video refresh
datapath, including text rasterization and palette
lookup.
•The general registers provide status information for
the programmer as well as control over VGA-host
address mapping and clock selection. This is all
handled in hardware by the graphics pipeline.
It is important to understand that a VGA is constructed of
numerous independent functions. Most of the register
fields correspond to controls that were originally built out
of discrete logic or were part of a dedicated controller
such as the 6845. The notion of a VGA “mode” is a higher-
level convention to denote a particular set of values for the
registers. Many popular programs do not use standard
modes, preferring instead to produce their own VGA set-
ups that are optimal for their purposes.
5.1.1.1
VGA Memory Organization
TheVGA memory is organizedas64K 32-bit DWORDs.
This organization is usually presented as four 64 KB
“planes”. A plane consists of one byte out of every
DWORD. Thus, plane 0 refers to the least significant byte
from every one of the 64 K DWORDs. The addressing
granularity of this memory is a DWORD, not a byte; that is,
consecutive addresses refer to consecutive DWORDs.
The only provision for byte-granularity addressing is the
four-byte enable signals used for writes. In C parlance,
single_plane_byte = (dword_fb[address] >>
(plane * 8)) & 0xFF;
When dealing with VGA, it is important to recognize the
distinction
between
host
addresses,
frame
buffer
addresses, and the refresh address pipe. A VGA control-
ler contains lots of hardware to translate between these
address spaces in different ways, and understanding
these translations is critical to understanding the entire
device. In standard four-plane graphics modes, a frame-
buffer DWORD provides eight 4-bit pixels. The left-most
pixel comes from bit 7 of each plane, with plane 3 provid-
ing the most significant bit.
pixel[i].bit[j] = dword_fb[address].bit[j*8 + (7-i)]
5.1.1.2
VGA Front End
The VGA front end consists of address and data transla-
tions between the CPU and the frame buffer. This func-
tionality is contained within the graphics controller and
sequencer components. Most of the front end functionality
is implemented in the VGA read and write hardware of the
GXm processor. An important axiom of the VGA is that
the front end and back end are controlled independently.
There are no register fields that control the behavior of
both pieces. Terms like “VGA odd/even mode” are there-
fore somewhat misleading; there are two different controls
for odd/even functionality in the front end, and two sepa-
rate controls in the refresh path to cause “sensible”
refresh behavior for frame buffer contents written in
odd/even mode. Normally, all these fields would be set up
together, but they don’t have to be. This sort of orthogonal
behavior gives rise to the enormous number of possible
VGA “modes”. The CPU end of the read and write pipes is
one byte wide. Word and DWORD accesses from the
Table 5-1. Standard VGA Modes
Category
Mode
Text or
Graphics
Resolution
Format
Type
Software
0,1
Text
40x25
Characters
CGA
2,3
Text
80x25
Characters
CGA
4,5
Graphics
320x200
2 BPP
CGA
6
Graphics
640x200
1 BPP
CGA
7
Text
80x25
Characters
MDA
Hardware
0Dh
Graphics
320x200
4 BPP
EGA
0Eh
Graphics
640x200
4 BPP
EGA
0Fh
Graphics
640x350
1 BPP
EGA
10h
Graphics
640x350
4 BPP
EGA
11h
Graphics
640x480
1 BPP
VGA
12h
Graphics
640x480
4 BPP
VGA
13h
Graphics
320x200
8 BPP
VGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com