Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 169 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 169 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 165Page - National Semiconductor (TI) GXM Datasheet HTML 166Page - National Semiconductor (TI) GXM Datasheet HTML 167Page - National Semiconductor (TI) GXM Datasheet HTML 168Page - National Semiconductor (TI) GXM Datasheet HTML 169Page - National Semiconductor (TI) GXM Datasheet HTML 170Page - National Semiconductor (TI) GXM Datasheet HTML 171Page - National Semiconductor (TI) GXM Datasheet HTML 172Page - National Semiconductor (TI) GXM Datasheet HTML 173Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 244 page
background image
Revision 3.1
169
www.national.com
Virtual Subsystem Architecture (Continued)
control bit determines whether or not an SMI interrupt is
generated for the corresponding region. The purpose of
this hardware is to allow the VGA emulation software to
disable SMI interrupts in VGA memory regions that are
not currently displayed.
For direct display modes (8 BPP or 16 BPP) in the display
controller, Virtual VGA can operate without SMI genera-
tion.
The SMI generation circuit on the GXm processor has
configuration registers to control and mask SMI interrupts
in the VGA memory space.
5.2.3.2
VGA Memory Addresses
SMI generation can be configured to trap VGA memory
accesses in one of the following ranges:
A0000h to AFFFFh (EGA,VGA),
B0000h to B7FFFh (MDA),
or B8000h to BFFFFh (CGA).
Range selection is accomplished through programmable
bits in the VGACTL register (Index B9h). Fine control can
be exercised within the range selected to allow off-screen
accesses to occur without generating SMIs.
SMI generation can also separately control the following
I/O ranges: 3B0h to 3BFh, 3C0h to 3CFh, and 3D0h to
3DFh. The BC_XMAP_1 register (GX_BASE+8004h) in
the Internal Bus Interface Unit has an enable/disable bit
for each of the address ranges above.
5.2.3.3
VGA Configuration Registers
Table 5-2 summarizes the VGA Configuration Registers.
Detailed register/bit formats are given in Table 5-3.
5.2.3.4
VGA Control Register
The VGA control register (VGACTL) provides control for
SMI generation through an enable bit for memory address
ranges A0000h to BFFFFh. Each bit controls whether or
not SMI is generated for accesses to the corresponding
address range. The default value of this register is zero so
that VGA accesses will not be trapped on systems with an
external VGA card.
5.2.3.5
VGA Mask Registers
The VGA Mask register (VGAM) has 32 bits that can
selectively mask 2 KB regions within the VGA memory
region A0000h to AFFFFh. If none of the three regions is
enabled in VGACTL, then the contents of VGAM are
ignored. VGAM canbeusedtoprevent theoccurrenceof
SMI when non-displayed VGA memory is accessed. This
is an enhancement that improves performance for double-
buffered applications only.
Table 5-2. VGA Configuration Registers Summary
Index
Name
Description
Default
B9h
VGACTL
VGA Control Register
00h (SMI generation disabled)
BAh-BDh
VGAM
VGA Mask Register
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com