Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 169Page - National Semiconductor (TI) GXM Datasheet HTML 170Page - National Semiconductor (TI) GXM Datasheet HTML 171Page - National Semiconductor (TI) GXM Datasheet HTML 172Page - National Semiconductor (TI) GXM Datasheet HTML 173Page - National Semiconductor (TI) GXM Datasheet HTML 174Page - National Semiconductor (TI) GXM Datasheet HTML 175Page - National Semiconductor (TI) GXM Datasheet HTML 176Page - National Semiconductor (TI) GXM Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 244 page
background image
Revision 3.1
173
www.national.com
Virtual Subsystem Architecture (Continued)
Table 5-5. Virtual VGA Registers
Bit
Name
Description
GX_BASE+8210h-8213h
GP_VGA_BASE (R/W)
Default Value = xxxxxxxxh
31:14
RSVD
Reserved: Set to 0.
13:8
VGA_BASE
(RO)
Base Address (Read Only): The VGA base address is added to the graphics memory base to
specify where VGA memory starts. The VGA base address provides longword address bits 19:14
when mapping VGA accesses into graphics memory. This allows the VGA base address to start on
any 64 KB boundary within the 4 MB of graphics memory.
7:6
RSVD
Reserved: Set to 0.
5:0
VGA_BASE
(WO)
Base Address (Write Only): The VGA base address is added to the graphics memory base to
specify where VGA memory starts. The VGA base address provides longword address bits 19:14
when mapping VGA accesses into graphics memory. This allows the VGA base address to start on
any 64 KB boundary within the 4 MB of graphics memory.
GX_BASE+8214h-8217h
GP_VGA_LATCH Register (R/W)
Default Value = xxxxxxxxh
31:0
LATCH
Display Latch: Specifies the value in the VGA display latch. VGA read operations cause VGA
frame-buffer data to be latched in the display latch. VGA write operations can use the display latch
as a source of data for VGA frame-buffer write operations.
GX_BASE+8140h-8143h
GP_VGA_WRITE Register (R/W)
Default Value = xxxxxxxxh
31:28
RSVD
Reserved: Set to 0.
27:24
MAP_MASK
Map Mask: Enables planes 3 through 0 for writing. Combined with chain control to determine the
final enables.
23:21
RSVD
Reserved: Set to 0.
20
W3
Write Mode 3: Selects write mode 3 by using the bit mask with the rotated data.
19
W2
Write Mode 2: Selects write mode 2 by controlling set/reset.
18:16
RC
Rotate Count: Controls the eight bit rotator.
15:12
SRE
Set/Reset Enable: Enables the set/reset value for each plane.
11:8
SR
Set/Reset: Selects 1 or 0 for each plane if enabled.
7:0
BIT_MASK
Bit Mask: Selects data from the data latches (last read data).
GX_BASE+8144h-8147h
GP_VGA_READ Register (R/W)
Default Value = 00000000h
31:18
RSVD
Reserved: Set to 0.
17:16
RMS
Read Map Select: Selects which plane to read in read mode 0 (Chain 2 and Chain 4 inactive).
15
F15
Force Address Bit 15: Forces address bit 15 to 0.
14
PC4
Packed Chain 4:— Provides 64 KB of packed pixel addressing when used with Chain 4 mode. This
bit causes the VGA addresses to be shifted right by 2 bits.
13
C4
Chain 4 Mode: Selects Chain 4 mode for both read operations and write operations.
12
PB
Page Bit: Becomes LSB of address if COE is set high.
11
COE
Chain Odd/Even: Selects PB rather than A0 for least-significant VGA address bit.
10
W2
WriteChain 2Mode: Selects Chain 2 mode for write operations.
9R2
Read Chain 2 Mode: Selects Chain 2 mode for read operations.
8RM
Read Mode: Selects between read mode 0 (normal) and read mode 1 (color compare).
7:4
CCM
Color Compare Mask: Selects planes to include in the color comparison (read mode 1).
3:0
CC
Color Compare: Specifies value of each plane for color comparison (read mode 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com