Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 171Page - National Semiconductor (TI) GXM Datasheet HTML 172Page - National Semiconductor (TI) GXM Datasheet HTML 173Page - National Semiconductor (TI) GXM Datasheet HTML 174Page - National Semiconductor (TI) GXM Datasheet HTML 175Page - National Semiconductor (TI) GXM Datasheet HTML 176Page - National Semiconductor (TI) GXM Datasheet HTML 177Page - National Semiconductor (TI) GXM Datasheet HTML 178Page - National Semiconductor (TI) GXM Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 244 page
background image
Revision 3.1
175
www.national.com
Power Management (Continued)
selected by setting bit 0 in the PM Clock Stop Control
Register. If you are using DRAMs without self refresh, you
must supply a 32 kHz clock to the CLK32KHZ bit to keep
therefresh circuitryactivewhenusing thelower-power
Suspend mode.
While also in 3-Volt Suspend Mode, the CS5530 contin-
ues to decrement all of its device timers, and it responds
to external SMI interrupts using the 32 kHz clock input
(CLK32KHz) pin. Any SMI event, timer or pin, causes the
CS5530 to deassert the SUSP_3V pin, starting the sys-
tem clocks. The CS5530 holds SUSP# active for a pre-
programmed period that varies from 0 to 16 ms, which
allows the clocks to settle. After this period expires, the
CS5530 deasserts SUSP#. SMI# is held active for the
entire period, so that the GXm processor status registers
are updated.
The SUSP_3V pin can be active either high or low. The
pin is an input during POR, and is sampled to determine
its inactive state. This allows a designer to match the
active state of SUSP_3V to the inactive state for a clock
driver output enable with a pull-up or pull-down resistor.
6.5
SUSPEND MODE AND BUS CYCLES
The following subsections describe the bus cycles when
the Suspend mode is implemented.
6.5.1
Initiating Suspend with SUSP#
The GXm processor has two low-power Suspend modes.
The mode is selected by bit 0 in the PM Clock Stop Con-
trol Register. One mode (bit 0 cleared) turns off the inter-
nal clocks to everything but the internal Display and
Memory Controllers, keeping the display active. A lower-
power mode turns off all internal clocks generated from
SYSCLK. This mode is selected by setting bit 0 in the PM
Clock Stop Control Register. If the bit is set and DRAMS
without self-refresh are used, a 32 KHz clock must be
supplied to the CLK32KHZ input to keep the refresh circuit
active.
The GXm processor enters the Suspend mode in
response to SUSP# input assertion only when certain
conditions are met. First, the USE_SUSP bit must be set
in CCR2 (Index C2h[7]). In addition, execution of the cur-
rent instructions and any pending decoded instructions
and associated bus cycles must be completed. SUSP# is
sampled on the rising edge of SYSCLK, and must meet
specified setup and hold times to be recognized at a par-
ticular SYSCLK edge.
When all conditions are met, the SUSPA# output is
asserted. The time from assertion of SUSP# to the activa-
tion of SUSPA# depends on which instructions were
decoded prior to assertion of SUSP#. Normally, once
SUSP# has been sampled inactive the SUSPA# output
will be deactivated within two clocks. However, the deacti-
vation of SUSPA# may be delayed until the end of an
active refresh cycle.
If the CPU is already in a Suspend mode initiated by
SUSP#, one occurrence of NMI, INTR and SMI# is stored
for execution after Suspend mode is exited. The CPU also
allows PCI accesses during a SUSP#-initiated Suspend
mode (see Figure 6-1). If the CPU is in the middle of a
PCI access when SUSP# is asserted, the assertion of
SUSPA# will be delayed until the PCI access is com-
pleted.
Figure 6-1. SUSP#-Initiated Suspend Mode
SYSCLK
SUSP#
SUSPA#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com