Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 168Page - National Semiconductor (TI) GXM Datasheet HTML 169Page - National Semiconductor (TI) GXM Datasheet HTML 170Page - National Semiconductor (TI) GXM Datasheet HTML 171Page - National Semiconductor (TI) GXM Datasheet HTML 172Page - National Semiconductor (TI) GXM Datasheet HTML 173Page - National Semiconductor (TI) GXM Datasheet HTML 174Page - National Semiconductor (TI) GXM Datasheet HTML 175Page - National Semiconductor (TI) GXM Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 244 page
background image
www.national.com
172
Revision 3.1
Virtual Subsystem Architecture (Continued)
5.2.5
Virtual VGA Register Descriptions
This section describes the registers contained in the
graphics pipeline used for VGA emulation. The graphics
pipeline
maps
200h
locations
starting
at
GX_BASE+8100h. Refer to Section 4.1.2 “Control Regis-
ters” on page 94 for instructions on accessing these regis-
ters.
The registers are summarized in Table 5-4, followed by
detailed bit formats in Table 5-5 on page 173.
Table 5-4. Virtual VGA Register Summary
GX_BASE+
Memory Offset
Type
Function
Default Value
8210h-8213h
R/W
GP_VGA_BASE VGA
Graphics Pipeline VGA Memory Base Address Register — Specifies the offset
of the VGA memory, starting from the base of graphics memory.
xxxxxxxxh
8214h-8217h
R/W
GP_VGA_LATCH
Graphics Pipeline VGA Display Latch Register — Provides a memory mapped
way to read or write the VGA display latch.
xxxxxxxxh
8140h-8143h
R/W
GP_VGA_WRITE
Graphics Pipeline VGA Write Patch Control Register — Controls the VGA mem-
ory write path in the graphics pipeline.
xxxxxxxxh
8144h-8147h
R/W
GP_VGA_READ
Graphics Pipeline VGA Read Patch Control Register — Controls the VGA mem-
ory read path in the graphics pipeline.
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com