Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 174Page - National Semiconductor (TI) GXM Datasheet HTML 175Page - National Semiconductor (TI) GXM Datasheet HTML 176Page - National Semiconductor (TI) GXM Datasheet HTML 177Page - National Semiconductor (TI) GXM Datasheet HTML 178Page - National Semiconductor (TI) GXM Datasheet HTML 179Page - National Semiconductor (TI) GXM Datasheet HTML 180Page - National Semiconductor (TI) GXM Datasheet HTML 181Page - National Semiconductor (TI) GXM Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 244 page
background image
www.national.com
178
Revision 3.1
Power Management (Continued)
6.5.4
Stopping the Input Clock
Because the GXm processor is a static device, the input
clock (SYSCLK) can be stopped and restarted without
any loss of internal CPU data. If DRAMS are used that do
not have self-refresh, bit 0 of the PM Clock Stop Control
Register must be set to a one and the CLK32KHZ input
must be continuously applied to keep the refresh circuitry
running. The SYSCLK input can be stopped at either a
logic high or logic low state. The required sequence for
stopping SYSCLK is to initiate CPU Suspend mode, wait
for the assertion of SUSPA# by the processor, and then
stop the input clock.
The CPU remains suspended until SYSCLK is restarted
and the Suspend mode is exited as described earlier.
While SYSCLK is stopped, the processor can no longer
sample and respond to any input stimulus including
REQx#, NMI, SMI#, INTR, and RESET inputs.
Figure 6-4 illustrates the recommended sequence for
stopping the SYSCLK using SUSP# to initiate Suspend
mode. SYSCLK may be started prior to or following nega-
tion of the SUSP# input. The figure includes the
SUSP_3V pin from the CS5530 which is used to stop the
external clocks.
Figure 6-4. Stopping SYSCLK During Suspend Mode
SYSCLK
SUSP#
SUSP_3V
SMI Event, Timer or Pin
SUSPA#
(CS5530)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com