Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 182 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 182 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 178Page - National Semiconductor (TI) GXM Datasheet HTML 179Page - National Semiconductor (TI) GXM Datasheet HTML 180Page - National Semiconductor (TI) GXM Datasheet HTML 181Page - National Semiconductor (TI) GXM Datasheet HTML 182Page - National Semiconductor (TI) GXM Datasheet HTML 183Page - National Semiconductor (TI) GXM Datasheet HTML 184Page - National Semiconductor (TI) GXM Datasheet HTML 185Page - National Semiconductor (TI) GXM Datasheet HTML 186Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 244 page
background image
www.national.com
182
Revision 3.1
7.0
Electrical Specifications
This section provides information on electrical connec-
tions, absolute maximum ratings, required operating con-
ditions, DC characteristics, and AC characteristics for the
Geode GXm processor. All voltage values in the Electrical
Specifications are with respect to VSS unless otherwise
noted. For detailed information on the PCI bus electrical
specification refer to Chapter 4 of the PCI Bus Specifica-
tion, Revision 2.1.
7.1
PART NUMBERS
The following part numbers designate the various speeds
available. For all speeds, the VCC2 voltage is 2.9V nominal
and the VCC3 voltage is 3.3V nominal.
7.2
ELECTRICAL CONNECTIONS
7.2.1
Power/Ground Connections and Decoupling
Testing and operating the GXm processor requires the
use of standard high frequency techniques to reduce par-
asitic effects. These effects can be minimized by filtering
the DC power leads with low-inductance decoupling
capacitors, using low-impedance wiring, and by utilizing
all of the VCC2,VCC3, and VSS pins.
7.2.2
Power Sequencing
the Core and I/O Voltages
With two voltages connected to the GXm processor, it is
important that the voltages come up in the correct order.
VCC2 should come up at or before VCC3. There are no
additional timing requirements related to this sequence.
7.2.3
NC-Designated Pins
Pins designated NC (No Connection) should be left dis-
connected. Connecting an NC pin to a pull-up/-down
resistor, or an active signal could cause unexpected
results and possible circuit malfunctions.
7.2.4
Pull-Up and Pull-Down Resistors
Table 7-2 lists the input pins that are internally connected
to a 20-kohm pull-up/-down resistor. When unused, these
inputs do not require connection to an external pull-up/-
down resistor.
7.2.5
Unused Input Pins
All inputs not used by the system designer and not listed
in Table 7-2 should be kept at either ground or VCC3.To
prevent possible spurious operation, connect active-high
inputs to ground through a 20-kohm (±10%) pull-down
resistor and active-low inputs to VCC3 through a 20-kohm
(±10%) pull-up resistor.
Table 7-1. Part Numbers
Core
Frequency
(MHz)
Temperature
(Degree C)
Part Marking
266
70
GXm-266P 2.9V 70C
85
GXm-266P 2.9V 85C
70
GXm-266B 2.9V 70C
85
GXm-266B 2.9V 85C
233
70
GXm-233P 2.9V 70C
85
GXm-233P 2.9V 85C
70
GXm-233B 2.9V 70C
85
GXm-233B 2.9V 85C
200
70
GXm-200P 2.9V 70C
85
GXm-200P 2.9V 85C
70
GXm-200B 2.9V 70C
85
GXm-200B 2.9V 85C
180
70
GXm-180P 2.9V 70C
85
GXm-180P 2.9V 85C
70
GXm-180B 2.9V 70C
85
GXm-180B 2.9V 85C
Note:
B= BGAPackage
P= SPGAPackage
Table7-2. Pinswith 20-kohm Internal Resistor
Signal Name
BGA
Ball No.
SPGA
Pin No.
PU/PD
SUSP#*
H2
M4
Pull-up
FRAME#
A8
C13
Pull-up
IRDY#
C9
D14
Pull-up
TRDY#
B9
B14
Pull-up
STOP#
C11
A15
Pull-up
LOCK#
B11
B16
Pull-up
DEVSEL#
A9
E15
Pull-up
PERR#
A11
D16
Pull-up
SERR#
C12
A17
Pull-up
REQ[2:0]#
D3,
H3,
E3
E3,
K2,
E1
Pull-up
TCLK
J2
P4
Pull-up
TMS
H1
N3
Pull-up
TDI
D2
F4
Pull-up
TEST
F3
J5
Pull-down
Note:
*SUSP# is pulled up when not active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com