Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 184 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 184 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 180Page - National Semiconductor (TI) GXM Datasheet HTML 181Page - National Semiconductor (TI) GXM Datasheet HTML 182Page - National Semiconductor (TI) GXM Datasheet HTML 183Page - National Semiconductor (TI) GXM Datasheet HTML 184Page - National Semiconductor (TI) GXM Datasheet HTML 185Page - National Semiconductor (TI) GXM Datasheet HTML 186Page - National Semiconductor (TI) GXM Datasheet HTML 187Page - National Semiconductor (TI) GXM Datasheet HTML 188Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 244 page
background image
www.national.com
184
Revision 3.1
Electrical Specifications (Continued)
7.4
OPERATING CONDITIONS
Table 7-4 lists the operating conditions for the GXm processor.
Table 7-4. Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
TC
Operating Case Temperature
0
70
°C
For Desktop Applications
TC
Operating Case Temperature
0
85
°C
For Notebook Applications
VCC2
Supply Voltage (2.9V nominal)
2.75
3.05
V
VCC3
Supply Voltage (3.3V nominal)
3.14
3.46
V
VIH
High-Level Input Voltage:
All input and I/O pins except
SDRAM Interface and SYSCLK
2.0
5.5
V
Note 1
SDRAM Interface
2.0
VCC3+0.5
V
Note 2
SYSCLK
2.7
5.5
V
Note 1
VIL
Low-Level Input Voltage:
All except PCI bus and SYSCLK
–0.5
0.8
V
PCI bus
–0.5
0.3*VCC3
V
SYSCLK
–0.5
0.4
V
IOH
High-Level Output Current
–2
mA
VO =VOH (Min)
IOL
Low-Level Output Current
5
mA
VO =VOL (Max)
Notes: 1) This parameter indicates that these pins are tolerant to the PCI 5 Volt Signaling Environment DC
specification.
2) SDRAM Interface Pins: BA[1:0], CAS[A:B]#, CKE[A:B], CS[3:0]#, DQM[7:0], MA[12:0], MD[63:0], RASA#,
RASB#, SDCLK_IN, SDCLK_OUT, SDCLK[3:0], TEST[3:0], WE[A:B]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com