Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 181Page - National Semiconductor (TI) GXM Datasheet HTML 182Page - National Semiconductor (TI) GXM Datasheet HTML 183Page - National Semiconductor (TI) GXM Datasheet HTML 184Page - National Semiconductor (TI) GXM Datasheet HTML 185Page - National Semiconductor (TI) GXM Datasheet HTML 186Page - National Semiconductor (TI) GXM Datasheet HTML 187Page - National Semiconductor (TI) GXM Datasheet HTML 188Page - National Semiconductor (TI) GXM Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 244 page
background image
Revision 3.1
185
www.national.com
Electrical Specifications (Continued)
7.5
DC CHARACTERISTICS
DC characteristics were measured under the operating conditions listed in Table 7-4 on page 184.
Table 7-5. DC Characteristics
Symbol
Parameter
Min
Max
Units
Notes
VOL
Output Low Voltage
0.4
V
IOL =5 mA
VOH
Output High Voltage
2.4
V
IOH =–2 mA
II
Input Leakage Current for all input pins except
those with internal PU/PDs
±10
µA0 < V
IN <VCC3,
See Table 7-2
IIH
Input Leakage Current for all pins with
internal PDs.
200
µAV
IH =2.4 V,
See Table 7-2
IIL
Input Leakage Current for all pins with
internal PUs.
–400
µAV
IL =0.35V,
See Table 7-2
ICC
Active ICC:
Core ICC2at fCLK = 180 MHz
I/O ICC3at fCLK = 180 MHz
2.25
0.400
ANote 1
Core ICC2at fCLK = 200 MHz
I/O ICC3at fCLK = 200 MHz
2.55
0.405
Core ICC2at fCLK = 233 MHz
I/O ICC3at fCLK = 233M Hz
2.85
0.410
Core ICC2at fCLK = 266 MHz
I/O ICC3at fCLK = 266 MHz
3.10
0.415
ICCSM
Suspend Mode ICC:
Core ICC2at fCLK = 180 MHz
I/O ICC3at fCLK = 180 MHz
18
8
mA
Notes 1 and 4
Core ICC2at fCLK = 200 MHz
I/O ICC3at fCLK = 200 MHz
22
9
Core ICC2at fCLK = 233 MHz
I/O ICC3at fCLK = 233 MHz
25
10
Core ICC2at fCLK = 266 MHz
I/O ICC3at fCLK = 266 MHz
28
11
ICCSS
Standby ICC (Suspend and CLK Stopped):
Core ICC2at fCLK =0 MHz
I/O ICC3at fCLK =0 MHz
10
5
mA
Notes 1 and 3
CIN
Input Capacitance
16
pF
f = 1 MHz, Note 2
COUT
Output or I/O Capacitance
16
pF
f = 1 MHz, Note 2
CCLK
CLK Capacitance
12
pF
f = 1 MHz, Note 2
Notes:
1.
fCLK ratings refer to internal clock frequency.
2.
Not 100% tested.
3.
All inputs are at 0.2 V or VCC3 – 0.2 (CMOS levels). All inputs are held static and all outputs are unloaded
(static IOUT = 0 mA).
4.
All inputs are at 0.2 V or VCC3 – 0.2 (CMOS levels). All inputs except clock are held static and all outputs are unloaded
(static IOUT = 0 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com