Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 176Page - National Semiconductor (TI) GXM Datasheet HTML 177Page - National Semiconductor (TI) GXM Datasheet HTML 178Page - National Semiconductor (TI) GXM Datasheet HTML 179Page - National Semiconductor (TI) GXM Datasheet HTML 180Page - National Semiconductor (TI) GXM Datasheet HTML 181Page - National Semiconductor (TI) GXM Datasheet HTML 182Page - National Semiconductor (TI) GXM Datasheet HTML 183Page - National Semiconductor (TI) GXM Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 244 page
background image
www.national.com
180
Revision 3.1
Power Management (Continued)
Table 6-2. Power Management Control and Status Registers
Bit
Name
Description
GX_BASE+8500h-8503h
PM_STAT_SMI Register (R/W)
Default Value = xxxxxx00h
31:8
RSVD
Reserved — These bits are not used. Do not write to these bits.
7:3
RSVD
Reserved — Set to 0.
2SMI_MEM
SMI VGA Emulation Memory — This bit is set high if a SMI was generated for VGA emulation in
response to a VGA memory access. An SMI can be generated on a memory access to one of three
regions in the A0000h-to-BFFFFh range as specified in the BC_XMAP_1 register.
1SMI_IO
SMI VGA Emulation I/O — This bit is set high if a SMI was generated for VGA emulation in
response to an I/O access. An SMI can be generated on a I/O access to one of three regions in the
3B0h-to-3DFh range as specified in the BC_XMAP_1 register.
0SMI_PIN
SMI Pin — When set high, this bit indicates that the SMI# input pin has been asserted to the
GXm processor.
Note: These bits are “sticky” bits and can only be cleared with a write of ‘1’ to the respective bit.
GX_BASE+8504h-8507h
PM_CNTRL_TEN Register (R/W)
Default Value = xxxxxx00h
31:8
RSVD
Reserved — These bits are not used. Do not write to these bits.
7:6
RSVD
Reserved — Set to 0.
5X_TEST (WO)
Transmission Test (Write Only) — Setting this bit causes the GXm processor to immediately trans-
mit the current contents of the serial packet. This bit is write only and is used primarily for test. This
bit returns 0 on a read.
4:3
X_FREQ
Transmission Frequency — This field indicates the time between serial packet transmissions.
Serial packet transmissions occur at the selected interval only if at least one of the packet bits is set
high: 00 = Disable transmitter; 01 = 1 ms; 10 = 5 ms; 11 = 10 ms.
2CPU_RD
CPU Activity Read Enable — Setting this bit high enables reporting of CPU Level-1 cache read
misses that are not a result of an instruction fetch. This bit is a don’t-care if the CMEN bit is not set
high
1CPU_EN
CPU Activity Master Enable — Setting this bit high enables reporting of CPU Level-1 cache
misses in bit 6 of the serial transmission packet. When enabled, the CPU Level-1 cache miss activity
is reported on any read (assuming the CREN is set high) or write access excluding misses that
resulted from an instruction fetch.
0VID_EN
Video Event Enable — Setting this bit high enables video decode events to be reported in bit 0 of
the serial transmission packet. CPU or graphics-pipeline accesses to the graphics memory and dis-
play-controller-register accesses are also reported.
GX_BASE+8508h-850Bh
PM_CNTRL_CSTP Register (R/W)
Default Value = xxxxxx00h
31:8
RSVD
Reserved — These bits are not used. Do not write to these bits.
7:1
RSVD
Reserved — Set to 0.
0CLK_STP
Clock Stop — This bit configures the GXm processor for Suspend Refresh Mode or 3-Volt Suspend
Mode:
0 = Suspend Refresh Mode. The clocks to the memory and display controller are active.
1 = 3-Volt Suspend Mode. All internal clocks are stopped.
Note: When this register is set high and the Suspend input pin (SUSP#) is asserted, the GXm processor stops all it’s internal clocks,
and asserts the Suspend Acknowledge output pin (SUSPA#). Once SUSPA# is asserted the GXm processor’s SYSCLK input
can be stopped. If this register is cleared, the internal memory-controller and display-controller clocks are not stopped on the
SUSP#/SUSPA# sequence, and the SYSCLK input can not be stopped.
GX_BASE+850Ch-850Fh
PM_SER_PACK Register (R/W)
Default Value = xxxxxx00h
31:8
RSVD
Reserved — These bits are not used. Do not write to these bits.
7VID_IRQ
Video IRQ — This bit indicates the occurrence of a video vertical sync pulse. This bit is set at the
same timer that the VINT (Vertical Interrupt) bit is set in the DC_TIMING_CFG register. The VINT bit
has a corresponding enable bit (VIEN) in the DC_TIM_CFG register.
6CPU_ACT
CPU Activity — This bit indicates the occurrence of a level 1 cache miss that was not a result of an
instruction fetch. This bit has a corresponding enable bit in the PM_CNTL_TEN register.
5:2
RSVD
Reserved — Set to 0.
1USR_DEF
Programmable Address Decode — This bit indicates the occurrence of a programmable memory
address decode. This bit is set based on the values of the PM_BASE register and the PM_MASK
register. The PM_BASE register can be initialized to any address in the full 128 MB address range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com