Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 179 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 179 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 175Page - National Semiconductor (TI) GXM Datasheet HTML 176Page - National Semiconductor (TI) GXM Datasheet HTML 177Page - National Semiconductor (TI) GXM Datasheet HTML 178Page - National Semiconductor (TI) GXM Datasheet HTML 179Page - National Semiconductor (TI) GXM Datasheet HTML 180Page - National Semiconductor (TI) GXM Datasheet HTML 181Page - National Semiconductor (TI) GXM Datasheet HTML 182Page - National Semiconductor (TI) GXM Datasheet HTML 183Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 244 page
background image
Revision 3.1
179
www.national.com
Power Management (Continued)
6.6
GXM PROCESSOR SERIAL BUS
The power management logic of the GXm processor pro-
vides the CS5530 with information regarding the GXm
processor productivity. If the GXm processor is deter-
mined to be relatively inactive, the GXm processor power
consumption can be greatly reduced by entering the Sus-
pend Modulation mode.
Although the majority of the system power management
logic is implemented in the CS5530, a small amount of
logic is required within the GXm processor to provide
information from the graphics controller that is not exter-
nally visible otherwise. The GXm processor implements a
simple serial communications mechanism to transmit the
CPU status to the CS5530. The GXm processor accumu-
lates CPU events in a 8-bit register, “PM Serial Packet
Register” (GX_BASE+850Ch, see Table 6-1), which is
serially transmitted out of the GXm processor every 1 to
10 µs. The transmission frequency is set with the “PM
Serial Packet Control Register” (GX_BASE+8504h, see
Table 6-1).
6.6.1
Serial Packet Transmission
The GXm processor transmits the contents of the “PM
Serial Packet Register” on the SERIALP output pin to the
PSERIAL input pin of the CS5530. The GXm processor
holds SERIALP low until the transmission interval counter
(GX_BASE+8504h[4:3]) has elapsed. Once the counter
has elapsed, PSERIAL is held high for two SYSCLKs to
indicate the start of packet transmission. The contents of
the packet register are then shifted out starting from bit 7
down to bit 0. PSERIAL is held high for one SYSCLK to
indicate the end of packet transmission and then remains
low until the next transmission interval. After the packet
transmission has completed, the packet contents are
cleared.
6.7
POWER MANAGEMENT REGISTERS
The GXm processor contains the power management
registers for the serial packet transmission control, the
user-defined power management address space, Sus-
pend Refresh, and SMI status for Suspend/Resume.
These registers are memory mapped (GX_BASE+8500h-
8FFFh) in the address space of the GXm processor and
are described in the following sections. Refer to Section
4.1.2 “Control Registers” on page 94 for instructions on
accessing these registers.
Note, however, the PM_BASE and PM_MASK registers
areaccessedwiththe CPU_READ andCPU_WRITE
instructions.
Refer
to
Section
4.1.6
“CPU_READ/CPU_WRITE Instructions” on page 99 for
more information regarding these instructions.
Table 6-1 summarizes the above mentioned registers.
Tables 6-2and 6-3starting onpage 180givetheseregis-
ter’s bit formats.
Table 6-1. Power Management Register Summary
GX_BASE+
Memory Offset
Type
Name/Function
Default Value
Control and Status Registers
8500h-8503h
R/W
PM_STAT_SMI
PM SMI Status Register — Contains System Management Mode (SMM) status
informationusedby SoftVGA.
xxxxxx00h
8504h-8507h
R/W
PM_CNTRL_TEN
PM Serial Packet Control Register — Sets the serial packet transmission frequency
and enables specific CPU events to be recorded in the serial packet.
xxxxxx00h
8508h-850Bh
R/W
PM_CNTRL_CSTP
PM Clock Stop Control Register — Enables the 3-V Suspend Mode for the GXm
processor.
xxxxxx00h
850Ch-850Fh
R/W
PM_SER_PACK
PM Serial Packet Register — Transmits the contents of the serial packet.
xxxxxx00h
Programmable Address Region Registers
FFFF FF6Ch
R/W
PM_BASE
PM Base Register — Contains the base address for the programmable memory
range decode. This register, in combination with the PM_MASK register, is used to
generate a memory range decode which sets bit 1 in the serial transmission packet.
00000000h
FFFF FF7Ch
R/W
PM_MASK
PM Mask Register — The address mask for the PM_BASE register
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com