Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 158Page - National Semiconductor (TI) GXM Datasheet HTML 159Page - National Semiconductor (TI) GXM Datasheet HTML 160Page - National Semiconductor (TI) GXM Datasheet HTML 161Page - National Semiconductor (TI) GXM Datasheet HTML 162Page - National Semiconductor (TI) GXM Datasheet HTML 163Page - National Semiconductor (TI) GXM Datasheet HTML 164Page - National Semiconductor (TI) GXM Datasheet HTML 165Page - National Semiconductor (TI) GXM Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 244 page
background image
www.national.com
162
Revision 3.1
Integrated Functions (Continued)
4.6.8
PCI Cycles
The following sections and diagrams provide the func-
tional relationships for PCI cycles.
4.6.8.1
PCI Read Transaction
A PCI read transaction consists of an address phase and
one or more data phases. Data phases may consist of
wait cycles and a data transfer. Figure 4-18 illustrates a
PCI read transaction. In this example, there are three data
phases.
The address phase begins on clock 2 when FRAME# is
asserted. During the address phase, AD[31:0] contains a
valid address and C/BE[3:0]# contains a valid bus com-
mand. The first data phase begins on clock 3. During the
data phase, AD[31:0] contains data and C/BE[3:0]# indi-
cate which byte lanes of AD[31:0] carry valid data. The
first data phase completes with zero delay cycles. How-
ever, the second phase is delayed one cycle because the
target was not ready so it deasserted TRDY# on clock 5.
The last data phase is delayed one cycle because the
master deasserted IRDY# on clock 7.
For additional information refer to Chapter 3.3.1, Read
Transaction, of the PCI Local Bus Specification, Revision
2.1.
Figure 4-18. Basic Read Operation
CLK
FRAME#
AD
C/BE#
DATA-1
DATA-2
DATA-3
ADDR
BUS CMD
BE#s
IRDY#
TRDY#
DEVSEL#
BUS TRANSACTION
ADDR
PHASE
DATA
PHASE
DATA
PHASE
DATA
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com