Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 155Page - National Semiconductor (TI) GXM Datasheet HTML 156Page - National Semiconductor (TI) GXM Datasheet HTML 157Page - National Semiconductor (TI) GXM Datasheet HTML 158Page - National Semiconductor (TI) GXM Datasheet HTML 159Page - National Semiconductor (TI) GXM Datasheet HTML 160Page - National Semiconductor (TI) GXM Datasheet HTML 161Page - National Semiconductor (TI) GXM Datasheet HTML 162Page - National Semiconductor (TI) GXM Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 244 page
background image
Revision 3.1
159
www.national.com
Integrated Functions (Continued)
8DPD
Data Parity Detected: This bit is set when three conditions are met.
1) GXm processor asserted PERR# or observed PERR# asserted;
2) GXm processor is the master for the cycle in which the PERR# occurred; and
3) PE (bit 6 of Command Register) is enabled.
This bit can be cleared to 0 by writing a 1 to it.
7FBS
Fast Back-to-Back Capable: As a target, the processor is capable of accepting Fast Back-to-Back
transactions.
This bit is always set to 1.
6:0
RSVD
Reserved: Set to 0.
Index 08h
Revision Identification Register (RO)
Default Value = 00h
7:0
RID (RO)
Revision ID (Read Only): This register contains the revision number of the GXm design.
Index 09h-0Bh
Class Code Register (RO)
Default Value = 060000h
23:16
CLASS
Class Code: The class code register is used to identify the generic function of the device. The
GXm processor is classified as a host bridge device (06).
15:0
RSVD (RO)
Reserved (Read Only)
Index 0Ch
Cache Line Size Register (RO)
Default Value = 00h
7:0
CACHELINE
Cache Line Size (Read Only): The cache line size register specifies the system cacheline size in units
of 32-bit words. This function is not supported in the GXm processor.
Index 0Dh
Latency Timer Register (R/W)
Default Value = 00h
7:5
RSVD
Reserved: Set to 0.
4:0
LAT_TIMER
Latency Timer: The latency timer as used in this implementation will prevent a system lockup resulting
from a slave the does not responded to the master. If the register value is set to 00h, the timer is dis-
abled. Otherwise, Timer represents the 5 MSBs of an 8-bit counter. The counter will reset on each valid
data transfer. If the counter expires before the next TRDY# is received active, then the slave is consid-
ered to be incapable of responding, and the master will stop the transaction with a master abort and flag
an SERR# active. This would also keep the master from being retried forever by a slave device that con-
tinues to issue retries. In these cases, the master will also stop the cycle with a master abort.
Index 0Eh-3Fh
Reserved
Default Value = 00h
Index 40h
PCI Control Function 1 Register (R/W)
Default Value = 00h
7RSVD
Reserved: Set to 0.
6SW
Single Write Mode: PCI slave supports:
0 = Multiple PCI write cycles
1 = Single cycle write transfers on the PCI bus. The slave will perform a target disconnect with the first
data transferred.
5SR
Single Read Mode: PCI slave supports:
0 = Multiple PCI read cycles.
1 = Single cycle read transfers on the PCI bus. The slave will perform a target disconnect with the first
data transferred.
4RXBNE
Force Retry when X-Bus Buffers are Not Empty:
0 = PCI slave accepts the PCI cycle with data in the PCI master write buffers. The data in the PCI master
write buffers will not be affected or corrupted. The PCI master holds request active indicating the need to
access the PCI bus.
1 = PCI slave retries cycles if the PCI master X-bus write buffers contain buffered data.
3SWBE
PCI Slave Write Buffer Enable: PCI slave write buffers: 0 = Disable; 1 = Enable.
2CLRE
PCI Cache Line Read Enable: Read operations from the PCI into the GXm processor:
0 = Single cycle unless a read multiple or memory read line command is used.
1 = Cause a cache line read to occur.
1XBE
X-Bus Burst Enable: PCI slave acting as a master performs burst cycles on the X-bus on write-back
invalidate cycles from the PCI. 0 = Disable; 1 = Enable.
(This bit does not control read bursting; bit 2 does.)
0RSVD
Reserved: Should return a value of 0.
Table 4-40. PCI Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com