Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 151Page - National Semiconductor (TI) GXM Datasheet HTML 152Page - National Semiconductor (TI) GXM Datasheet HTML 153Page - National Semiconductor (TI) GXM Datasheet HTML 154Page - National Semiconductor (TI) GXM Datasheet HTML 155Page - National Semiconductor (TI) GXM Datasheet HTML 156Page - National Semiconductor (TI) GXM Datasheet HTML 157Page - National Semiconductor (TI) GXM Datasheet HTML 158Page - National Semiconductor (TI) GXM Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 244 page
background image
Revision 3.1
155
www.national.com
Integrated Functions (Continued)
4.6
PCI CONTROLLER
The GXm processor includes an integrated PCI controller
with the following features.
4.6.1
X-Bus PCI Slave
• 16-byte PCI write buffer
• 16-byte PCI read buffer from X-bus
• Supports cache line bursting
• Write/Inv line support
• Pacing of data for read or write operations with X-bus
• No active byte enable transfers supported
4.6.2
X-Bus PCI Master
• 16byteX-bus to PCIwrite buffer
• Configuration read/write Support
• Int Acknowledge support
• Lock conversion
• Support fast back-to-back cycles as slave
4.6.3
PCI Arbiter
• Fixed, rotating, hybrid, or ping-pong arbitration
(programmable)
• Support four masters, three on PCI
• Internal REQ for CPU
• Master retry mask counter
• Master dead timer
• Resource or total system lock support
4.6.4
Generating Configuration Cycles
Configuration space is a physical address space unique to
PCI. Configuration Mechanism #1 must be used by soft-
ware to generate configuration cycles. Two DWORD I/O
locations are used in this mechanism. The first DWORD
location (CF8h) references a read/write register that is
named
CONFIG_ADDRESS.
The
second
DWORD
address
(CFCh)
references
a
register
named
CONFIG_DATA. The general method for accessing con-
figuration
space
is
to
write
a
value
into
CONFIG_ADDRESS that specifies the PCI bus, device on
that bus, and configuration register in that device being
accessed. A read or write to CONFIG_DATA will then
cause the bridge to translate that CONFIG_ADDRESS
value to the requested configuration cycle on the PCI bus.
4.6.5
Generating Special Cycles
A special cycle is a broadcast message to the PCI bus.
Two hardcoded special cycle messages are defined in the
command encode: HALT and SHUTDOWN. Software can
also generate special cycles by using special cycle gener-
ation for configuration mechanism #1 as described in the
PCI Specification 3.6.4.1.2 and briefly described here. To
initiate a special cycle from software, the host must write a
value to CONFIG_ADDRESS encoded as shown in Table
4-36.
The next value written to CONFIG_DATA is the encoded
special cycle. Type 0 or Type 1 conversion will be based
on the Bus Bridge number matching the GXm processor’s
bus number of 00h.
Table 4-36. Special-Cycle Code to CONFIG_ADDRESS
31
30
24
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
65432
1
0
1
0 0000 00
Bus No. = Bridge
11111
1
1
1
0
00000
T
T
CONFIG
ENABLE
RSVD
BUS NUMBER
DEVICE NUMBER
FUNCTION
NUMBER
REGISTER NUMBER
TRANS
LATION
TYPE
Note: See Table 4-37 on page 156, bits [1:0] for translation type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com