Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 133Page - National Semiconductor (TI) GXM Datasheet HTML 134Page - National Semiconductor (TI) GXM Datasheet HTML 135Page - National Semiconductor (TI) GXM Datasheet HTML 136Page - National Semiconductor (TI) GXM Datasheet HTML 137Page - National Semiconductor (TI) GXM Datasheet HTML 138Page - National Semiconductor (TI) GXM Datasheet HTML 139Page - National Semiconductor (TI) GXM Datasheet HTML 140Page - National Semiconductor (TI) GXM Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 244 page
background image
Revision 3.1
137
www.national.com
Integrated Functions (Continued)
8314h-8317h
R/W
DC_CB_ST_OFFSET
Display Controller Compression Buffer Start Address — Specifies offset at which the com-
pressed display buffer starts.
xxxxxxxxh
8318h-831Bh
R/W
DC_CURS_ST_OFFSET
Display Controller Cursor Buffer Start Address — Specifies offset at which the cursor mem-
ory buffer starts.
xxxxxxxxh
831Ch-831Fh
--
Reserved
00000000h
8320h-8323h
R/W
DC_VID_ST_OFFSET
Display Controller Video Start Address — Specifies offset at which the video buffer starts.
xxxxxxxxh
8324h-8327h
R/W
DC_LINE_DELTA
Display Controller Line Delta — Stores line delta for the graphics display buffers.
xxxxxxxxh
8328h-832Bh
R/W
DC_BUF_SIZE
Display Controller Buffer Size — Specifies the number of bytes to transfer for a line of
frame buffer data and the size of the compressed line buffer.
xxxxxxxxh
832Ch-832Fh
--
Reserved
00000000h
Timing Registers
8330h-8333h
R/W
DC_H_TIMING_1
Display Controller Horizontal and Total Timing — Horizontal active and total timing
information.
xxxxxxxxh
8334h-8337h
R/W
DC_H_TIMING_2
Display Controller CRT Horizontal Blanking Timing — CRT horizontal blank timing
information.
xxxxxxxxh
8338h-833Bh
R/W
DC_H_TIMING_3
Display Controller CRT Sync Timing — CRT horizontal sync timing information.
xxxxxxxxh
833Ch-833Fh
R/W
DC_FP_H_TIMING
Display Controller Flat Panel Horizontal Sync Timing: Horizontal sync timing information for
an attached flat panel display.
xxxxxxxxh
8340h-8343h
R/W
DC_V_TIMING_1
Display Controller Vertical and Total Timing — Vertical active and total timing information.
The parameters pertain to both CRT and flat panel display.
xxxxxxxxh
8344h-8247h
R/W
DC_V_TIMING_2
Display Controller CRT Vertical Blank Timing — Vertical blank timing information.
xxxxxxxxh
8348h-834Bh
R/W
DC_V_TIMING_3
Display Controller CRT Vertical Sync Timing — CRT vertical sync timing information.
xxxxxxxxh
834Ch-834Fh
R/W
DC_FP_V_TIMING
Display Controller Flat Panel Vertical Sync Timing — Flat panel vertical sync timing
information.
xxxxxxxxh
Cursor and Line Compare Registers
8350h-8353h
R/W
DC_CURSOR_X
Display Controller Cursor X Position — X position information of the hardware cursor.
xxxxxxxxh
8354h-8357h
RO
DC_V_LINE_CNT
Display Controller Vertical Line Count — This read only register provides the current scan-
line for the display. It is used by software to time update of the frame buffer to avoid tearing
artifacts.
xxxxxxxxh
8358h-835Bh
R/W
DC_CURSOR_Y
Display Controller Cursor Y Position — Y position information of the hardware cursor.
xxxxxxxxh
835Ch-835Fh
R/W
DC_SS_LINE_CMP
Display Controller Split-Screen Line Compare — Contains the line count at which the lower
screen begins in a VGA split-screen mode.
xxxxxxxxh
Table 4-29. Display Controller Register Summary (Continued)
GX_BASE+
Memory Offset
Type
Name/Function
Default
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com