Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 21 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 21 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 17Page - Microchip Technology UCS81003 Datasheet HTML 18Page - Microchip Technology UCS81003 Datasheet HTML 19Page - Microchip Technology UCS81003 Datasheet HTML 20Page - Microchip Technology UCS81003 Datasheet HTML 21Page - Microchip Technology UCS81003 Datasheet HTML 22Page - Microchip Technology UCS81003 Datasheet HTML 23Page - Microchip Technology UCS81003 Datasheet HTML 24Page - Microchip Technology UCS81003 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 21
UCS81003
4.0
TERMS AND ABBREVIATIONS
Note:
The M1, M2, PWR_EN and EM_EN pins each have configuration bits (<pin name>_SET in Section 10.4.3
“Switch Configuration Register”) that may be used to perform the same function as the external pin
state. These bits are accessed via the SMBus/I2C and are OR’d with the respective pin. This OR’d
combination of pin state and register bit is referenced as the <pin name> control.
TABLE 4-1:
TERMS AND ABBREVIATIONS
Term/Abbreviation
Description
Active mode
Active power state operation mode: Data Pass-through, BC1.2 SDP, BC1.2 CDP, BC1.2 DCP
or Dedicated Charger Emulation Cycle.
Attach Detection
An Attach Detection event occurs when the current drawn by a portable device is greater than
IDET_QUAL for longer than tDET_QUAL.
Attachment
The physical insertion of a portable device into a USB port that UCS81003 is controlling.
CC
Constant Current
CDM
Charged Device Model. JEDEC® model for characterizing susceptibility of a device to damage
from ESD.
CDP or USB-IF
BC1.2 CDP
Charging Downstream Port. The combination of the UCS81003 CDP handshake and an
active standard USB host comprises a CDP. This enables a BC1.2 compliant portable device
to simultaneously draw current up to 1.5A while data communication is active. The USB
high-speed data switch is closed in this mode.
Charge Enable
When a charger emulation profile has been accepted by a portable device and charging
commences.
Charger Emulation
Profile
Representation of a charger comprised of DPOUT, DMOUT and VBUS signaling, which make up
a defined set of signatures or handshaking protocols.
Connection
USB-IF term which refers to establishing active USB communications between a USB host
and a USB device.
Current Limiting Mode Determines the action that is performed when the IBUS current reaches the ILIM threshold. Trip
opens the port power switch. Constant Current (variable slope) allows VBUS to be dropped by
the portable device.
DCE
Dedicated Charger Emulation. Charger emulation in which the UCS81003 can deliver power
only (by default). No active USB data communication is possible when charging in this mode
(by default).
DCP or USB-IF
BC1.2 DCP
Dedicated Charging Port. This functions as a dedicated charger for a BC1.2 portable device.
This allows the portable device to draw currents up to 1.5A with Constant Current Limiting
(and beyond 1.5A with Trip Current Limiting). No USB communications are possible (by
default).
DC
Dedicated Charger. A charger which inherently does not have USB communications, such as
an A/C wall adapter.
Disconnection
USB-IF term which refers to the loss of active USB communications between a USB host and
a USB device.
Dynamic Thermal
Management
The UCS81003 automatically adjusts port power switch limits and modes to lower internal
power dissipation when the thermal regulation temperature value is approached.
Enumeration
A USB-specific term indicating that a host is detecting and identifying USB devices.
Handshake
Application of a charger emulation profile that requires a response. Two-way communication
between the UCS81003 and the portable device.
HBM
Human Body Model
HSW
High-Speed switch
IBUS_R2MIN
Current limiter mode boundary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com