Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 28 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 28 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 24Page - Microchip Technology UCS81003 Datasheet HTML 25Page - Microchip Technology UCS81003 Datasheet HTML 26Page - Microchip Technology UCS81003 Datasheet HTML 27Page - Microchip Technology UCS81003 Datasheet HTML 28Page - Microchip Technology UCS81003 Datasheet HTML 29Page - Microchip Technology UCS81003 Datasheet HTML 30Page - Microchip Technology UCS81003 Datasheet HTML 31Page - Microchip Technology UCS81003 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
UCS81003
DS20005334A-page 28
 2014 Microchip Technology Inc.
5.1.1
OFF STATE OPERATION
The device is in the Off state if VDD is less than VDD_TH.
When the UCS81003 is in the Off state, it does nothing,
and all circuitry is disabled. Digital register values are
not stored and the device will not respond to SMBus
commands.
5.1.2
SLEEP STATE OPERATION
When the UCS81003 is in the Sleep state, the device
is in its lowest-power state. The high-speed switch,
bypass switch and the port power switch are disabled.
The Attach and Removal Detection feature is disabled.
VBUS will be near ground potential. The ALERT# pin is
not asserted. If asserted prior to entering the Sleep
state, the ALERT# pin will be released. The A_DET#
pin is released. SMBus activity is limited to single byte
read or write.
The first data byte read from the UCS81003 when in
the Sleep state will wake the device; however, the
data to be read will return all 0’s and should be
considered invalid. This is a “dummy” read byte meant
to wake the UCS81003. Subsequent read or write
bytes will be accepted normally. After the dummy
read, the UCS81003 will be in a higher-power state
(see Figure 5-6). The device will return to Sleep after
the
last
communication,
or
if
no
further
communication has occurred.
Figure 5-5 shows timing diagrams for waking the
UCS81003 via external pins. Figure 5-6 shows the
timing for waking the UCS81003 via SMBus.
FIGURE 5-5:
Wake Timing via External Pins.
FIGURE 5-6:
Wake via SMBus Read with S0 = ‘0’.
M1 or M2
Port power switch closed
(Active state)
tPIN_WAKE
Wake with M1 or M2 to Active State Data Pass-through Mode
(PWR_EN enabled, S0 = ‘0’,EM_EN = ‘0’,VS >VS_UVLO)
S0
Bypass switch closed
(Detect state)
tPIN_WAKE
Wake with S0
(VS >VS_UVLO,M1&M2 &EM_EN not all ‘0’ and not set to Data Pass-through)
0101_111 0 A
invalid
data
NP
SMBus Read
A
0001_0000
0101_111 0 A
valid data
NP
0001_0000
S
S
tIDLE_SLEEP
Sleep
Sleep
Dummy read returns invalid data
and places device in temporary
Active state
Read returns valid data
0101_111 1 A
S
0101_111 1 A
S
A
Power State
temporary Active state
(not all functionality available)
tSMB_WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com