Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 43 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 43 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 39Page - Microchip Technology UCS81003 Datasheet HTML 40Page - Microchip Technology UCS81003 Datasheet HTML 41Page - Microchip Technology UCS81003 Datasheet HTML 42Page - Microchip Technology UCS81003 Datasheet HTML 43Page - Microchip Technology UCS81003 Datasheet HTML 44Page - Microchip Technology UCS81003 Datasheet HTML 45Page - Microchip Technology UCS81003 Datasheet HTML 46Page - Microchip Technology UCS81003 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 43
UCS81003
9.10
No Handshake
In DCE Cycle mode with emulation retry disabled, a
No Handshake condition is flagged (the NO_HS status
bit stays set (see Register 10-5) when the end of the
DCE Cycle is reached without a handshake and
without drawing current.
All signatures/handshaking placed on the DPOUT and
DMOUT pins are removed. The UCS81003 will operate
with the high-speed switch opened or closed as
determined by the high-speed switch configuration,
and will use Trip or Constant Current Limiting, as
determined
by
the
IBUS_R2MIN
setting
(CS_R2_IMIN<2:0> bits 4-2 in the Custom Current
Limiting Behavior Configuration register 51h).
The portable devices that can cause this are generally
the ones that pull up DPOUT to some voltage and leave
it there, or apply the wrong voltage.
9.11
Preloaded Charger
Emulation Profiles
The following charger emulation profiles are resident to
the UCS81003:
• Legacy 1 Charger Emulation Profile
• Legacy 2, 4, 5 and 7 Charger Emulation Profiles
• Legacy 3 Charger Emulation Profile
• Legacy 6 Charger Emulation Profile
• BC1.2 CDP Charger Emulation Profile
• BC1.2 DCP Charger Emulation Profile
9.11.1
LEGACY 1 CHARGER
EMULATION PROFILE
Legacy 1 Charger Emulation Profile does the following:
1.
The UCS81003 will apply 900 mV to both the
DPOUT and the DMOUT pins.
2.
VBUS voltage is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS81003 will accept that the currently applied
profile is the correct charger emulation profile for
the
attached
portable
device.
Charging
commences. The voltages applied to the DPOUT
and DMOUT pins will remain in place (unless
EM_RESP is set to 0b). The UCS81003 will
begin operating in Trip mode or CC mode as
determined by the IBUS_R2MIN setting (see
Section 10.14 “Current Limiting Behavior
Configuration Registers”).
4.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS81003 will stop the currently
applied charger emulation profile. This will
cause all voltages put onto the DPOUT and
DMOUT pins to be removed. Emulation reset
occurs, and the UCS81003 will initiate the next
charger emulation profile.
9.11.2
LEGACY 2, 4, 5 AND 7 CHARGER
EMULATION PROFILES
Legacy 2, 4, 5 and 7 Charger Emulation Profiles follow
the same pattern of operation, although the voltage that
is applied on the DPOUT and DMOUT pins will vary. They
do the following:
1.
The UCS81003 will apply a voltage on the
DPOUT pin using either a current-limited voltage
source or a voltage divider between VBUS and
ground with the center tap on the DPOUT pin.
2.
The UCS81003 will apply a possibly different
voltage on the DMOUT pin, using either a current-
limited voltage source or a voltage divider
between VBUS and ground, with the center tap
on the DMOUT pin.
3.
VBUS voltage is applied.
Legacy 3 charger emulation profile accepted or the
emulation timeout is disabled
CC mode if ILIM < 1.68A, otherwise, Trip mode
Legacy 1, Legacy 2 or Legacy 4 - Legacy 7 charger
emulation profile accepted or the emulation timeout is
disabled
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.68A (normal
operation), otherwise, CC mode (see Register 10-49)
Custom charger emulation profile accepted or the
emulation timeout is disabled
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.68A (normal
operation), otherwise, CC mode (see Register 10-49)
No handshake
(DCE Cycle with Emulation Retry not enabled)
Trip mode if IBUS_R2MIN < ILIM or ILIM > 1.68A (normal
operation), otherwise, CC mode (see Register 10-49)
TABLE 9-2:
CURRENT LIMIT MODE OPTIONS (CONTINUED)
Active Mode
Current Limit Mode
(See Section 10.14 “Current Limiting Behavior
Configuration Registers”)
Note 1:
As noted in the last three rows in Table 9-2, under those specific conditions with ILIM < 1.68A, it is the
relationship of ILIM and IBUS_R2MIN that determines the current limiting mode. In these cases, the value of
IBUS_R2MIN is determined by CS_R2_IMIN<2:0> bits 4-2 in the Custom Current Limiting Behavior
Configuration register - 51h (Register 10-49).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com